Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4854 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4854
Description  1.9W Monaural, 85mW Stereo Headphone Audio Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4854 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM4854 Datasheet HTML 4Page - National Semiconductor (TI) LM4854 Datasheet HTML 5Page - National Semiconductor (TI) LM4854 Datasheet HTML 6Page - National Semiconductor (TI) LM4854 Datasheet HTML 7Page - National Semiconductor (TI) LM4854 Datasheet HTML 8Page - National Semiconductor (TI) LM4854 Datasheet HTML 9Page - National Semiconductor (TI) LM4854 Datasheet HTML 10Page - National Semiconductor (TI) LM4854 Datasheet HTML 11Page - National Semiconductor (TI) LM4854 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Electrical Characteristics : SE Operation (V
DD = 3.0V) (Notes 4, 9)
The following specifications apply for for the circuit shown in Figure 1 and a measurement bandwith of 20Hz to 80kHz, unless
otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4854
Units
(Limits)
Typical
(Note 8)
Limit
(Notes 9,
10)
P
O
Output Power (Note 11)
THD+N = 1.0%, f = 1kHz, R
L =32
Ω
THD+N = 10%, f = 1kHz, R
L =32
Ω
THD+N = 1.0%, f = 1kHz, R
L =16
Ω
THD+N = 10%, f = 1kHz, R
L =16
Ω
32
60
57
100
27
38
mW(min)
mW
mW (min)
mW
THD+N
Total Harmonic Distortion+Noise
20Hz
≤ f
IN =
≤ 20kHz
R
L =32
Ω,P
O = 30mW
0.3
%
VOUT
Output Voltage Swing
THD = 0.5%, R
L =5k
Ω
2.4
V
P-P
XTALK
Channel Separation
f
IN = 1kHz, CBYPASS = 1.0µF, RL =32
Ω
55
dB
S/N
Signal-to-Noise Ratio
f
IN = 1kHz, CBYPASS = 1.0µF
P
O = 30mW, RL =32
Ω
TBD
dB
Note 2: All voltages are measured with respect to the GND pin unless other wise specified.
Note 3: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions that
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 4: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature, TA. The maximum
allowable power dissipation is PDMAX =(TJMAX -TA)/θJA or the number given in Absolute Maximum Ratings, whichever is lower. For the LM4854, see power derating
currents for more information.
Note 5: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 6: Machine Model, 220pF-240pF discharged through all pins.
Note 7: The given
θJA is for an LM4854 packaged in an LDA14A with the Exposed-DAP soldered to an exposed 2in2 area of 1oz printed circuit board copper.
Note 8: Typicals are measured at 25˚C and represent the parametric norm.
Note 9: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 10: Datasheet minimum and maximum specification limits are guaranteed by design, test, or statistical analysis.
Note 11: Output power is measured at the amplifier’s package pins.
Note 12: When driving 4
Ω loads and operating on a 5V supply, the LM4854LD must be mounted to a circuit board that has a minimum of 2.5in2 of exposed,
uninterrupted copper area connected to the LLP package’s exposed DAP.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com