Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPC6N136LTL Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KPC6N136LTL
Description  8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC6N136LTL Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KPC6N136LTL Datasheet HTML 1Page - COSMO  Electronics Corporation KPC6N136LTL Datasheet HTML 2Page - COSMO  Electronics Corporation KPC6N136LTL Datasheet HTML 3Page - COSMO  Electronics Corporation KPC6N136LTL Datasheet HTML 4Page - COSMO  Electronics Corporation KPC6N136LTL Datasheet HTML 5Page - COSMO  Electronics Corporation KPC6N136LTL Datasheet HTML 6Page - COSMO  Electronics Corporation KPC6N136LTL Datasheet HTML 7Page - COSMO  Electronics Corporation KPC6N136LTL Datasheet HTML 8Page - COSMO  Electronics Corporation KPC6N136LTL Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P51002.2
- 1 -
http://www.cosmo-ic.com
cosmo
KPC6N136 Series
8PIN HIGH-SPEED OUTPUT
PHOTOCOUPLER
Description
The KPC6N136 series consist of an LED optically
coupled to an OPIC chip. It is a high-speed digital output
type photocoupler designed specifically for low circuit
current. And it is packaged in a 8 pin DIP package and
available in wide-lead spacing and SMD option.
 Schematic
1
2
8
7
4
3
5
6
1. N.C.
2. Anode
3. Cathode
4. N.C.
5. GND
6. Vo
7. VB
8. Vcc
Features
1. Pb free and RoHS compliant
2. High speed response tPHL, tPLH ( Max. 0.8us at RL=1.9KΩ )
3. High common mode rejection voltage ( CMH:TYP. 1KV/us )
4. Standard dual-in-line package
5. MSL class 1
6. Agency Approvals:
• UL Approved (No. E169586): UL1577
• c-UL Approved (No. E169586)
• FIMKO Approved: EN60065, EN60950
Applications
•
Computers, measuring instruments, control equipment
•
High speed line receivers, high speed logic
•
Telephone sets
•
Signal transmission between circuits of different potentials and impedances


Similar Part No. - KPC6N136LTL

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC6N136 COSMO-KPC6N136 Datasheet
406Kb / 3P
High common mode relection voltage
KPC6N136H COSMO-KPC6N136H Datasheet
173Kb / 5P
General Purpose Type Photocoupler
KPC6N136S COSMO-KPC6N136S Datasheet
178Kb / 5P
General Purpose Type Photocoupler
KPC6N136 COSMO-KPC6N136_12 Datasheet
173Kb / 5P
General Purpose Type Photocoupler
More results

Similar Description - KPC6N136LTL

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP1020 COSMO-KP1020_15 Datasheet
281Kb / 11P
8PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP3020 COSMO-KP3020_15 Datasheet
286Kb / 11P
8PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP4020 COSMO-KP4020_15 Datasheet
280Kb / 11P
8PIN PHOTODARLINGTON PHOTOCOUPLER
KPC6N135 COSMO-KPC6N135_15 Datasheet
345Kb / 11P
8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC6N137 COSMO-KPC6N137_16 Datasheet
331Kb / 12P
8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC6N138 COSMO-KPC6N138_15 Datasheet
338Kb / 11P
8PIN HIGH-SPEED DARLINGTON OUTPUT PHOTOCOUPLER
KPC6N139 COSMO-KPC6N139_15 Datasheet
304Kb / 11P
8PIN HIGH-SPEED DARLINGTON OUTPUT PHOTOCOUPLER
KPC410 COSMO-KPC410_16 Datasheet
185Kb / 10P
5PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC457 COSMO-KPC457_15 Datasheet
200Kb / 10P
5PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC825 COSMO-KPC825_15 Datasheet
282Kb / 11P
8PIN PHOTODARLINGTON PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com