Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPC6N136STRU Datasheet(PDF) 3 Page - COSMO Electronics Corporation

Part # KPC6N136STRU
Description  8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC6N136STRU Datasheet(HTML) 3 Page - COSMO Electronics Corporation

  KPC6N136STRU Datasheet HTML 1Page - COSMO  Electronics Corporation KPC6N136STRU Datasheet HTML 2Page - COSMO  Electronics Corporation KPC6N136STRU Datasheet HTML 3Page - COSMO  Electronics Corporation KPC6N136STRU Datasheet HTML 4Page - COSMO  Electronics Corporation KPC6N136STRU Datasheet HTML 5Page - COSMO  Electronics Corporation KPC6N136STRU Datasheet HTML 6Page - COSMO  Electronics Corporation KPC6N136STRU Datasheet HTML 7Page - COSMO  Electronics Corporation KPC6N136STRU Datasheet HTML 8Page - COSMO  Electronics Corporation KPC6N136STRU Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P51002.2
- 3 -
http://www.cosmo-ic.com
cosmo
KPC6N136 Series
8PIN HIGH-SPEED OUTPUT
PHOTOCOUPLER
Absolute Maximum Ratings
(Ta = 25°C)
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
25
mA
*1 Peak forward current
IF
50
mA
*2 Peak transient forward current
IFM
1
A
Reverse voltage
VR
5
V
Power dissipation
P
45
mW
Output
Supply voltage
VCC
-0.5 to 15
V
Output voltage
VO
-0.5 to 15
V
Emitter-base reverse with stand voltage ( Pin5 to 7 )
VEBO
5
V
Average output current
IO
8
mA
Peak output current
IOP
16
mA
Base current ( Pin7 )
IB
5
mA
Power dissipation
PO
100
mW
*3 Isolation voltage 1 minute
Viso
5000
V
Operating temperature
Topr
-55 to +100
℃
Storage temperature
Tstg
-55 to +125
℃
*4 Soldering temperature 10 seconds
Tsol
260
℃
*1 50% duty cycle, Pulse width:1mS
Decreases at the rate of 1.6mA/℃ if the external temperature is 70℃ or more.
*2 Pulse width≦1uS, 300pulse/sec
*3 40 to 60% RH, AC for 1 minute
*4 For 10 seconds
Electrical Characteristics
(Ta = 25℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
*5 Current transfer ratio
CTR(1)
Ta=25℃, IF=16mA
VO=0.4V, VCC=4.5V
19
40
-
%
CTR(2)
IF=16mA
VO=0.5V, VCC=4.5V
15
43
-
%
Logic ( 0 ) output voltage
VOL
*6
VCC=4.5V, IF=16mA
-
0.1
0.4
V
Logic ( 1 ) output current
IOH(1)
Ta=25℃, IF=0
VO=VCC=5.5V
-
3.0
500
nA
IOH(2)
Ta=25℃, IF=0
VO=VCC=15V
-
0.01
1.0
uA
IOH(3)
VCC=VO=15V, IF=0
-
-
50
uA
Logic ( 0 ) supply current
ICCL
IF=16mA
VO=open, VCC=15V
-
200
-
uA
Logic ( 1 ) supply current
ICCH(1)
Ta=25℃, IO=0
VF=open, VCC=15V
-
0.02
1.0
uA
ICCH(2)
IO=0
VO=open, VCC=15V
-
-
2.0
uA
Input forward voltage
VF
Ta=25℃, IF=16mA
-
1.7
1.95
V
Input forward voltage temperature coefficient
△VF △
/
Ta IF=16mA
-
-1.9
-
mV/℃
Input reverse voltage
BVR
Ta=25℃, IR=10uA
5.0
-
-
V
Input capacitance
CIN
VF=0, f=1MHz
-
60
-
pF
*7 Leak current ( input-output )
II-O
Ta=25℃, 45%RH
VI-O=3KVDC, t=5s
-
-
1.0
uA
*7 Isolation resistance ( input-output )
RI-O
VI-O=500VDC
-
10
12
-
Ω
*7 Capacitance ( input-output )
CI-O
f=1MHz
-
0.6
-
pF
Transistor current amplification factor
hFE
VO=5V, IO=3mA
-
70
-
*5 Current transfer ratio is the ratio of input current and output current expressed in %
*6 IO=2.4mA
*7 Measured as 2-pin element ( Short 1, 2, 3, 4 and 5, 6, 7, 8 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com