Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX274AL Datasheet(PDF) 5 Page - Sony Corporation

Part # ICX274AL
Description  Diagonal 8.923mm (Type 1/1.8) Progressive Scan CCD Image Sensor with Square Pixel for B/W Video Cameras
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX274AL Datasheet(HTML) 5 Page - Sony Corporation

  ICX274AL Datasheet HTML 1Page - Sony Corporation ICX274AL Datasheet HTML 2Page - Sony Corporation ICX274AL Datasheet HTML 3Page - Sony Corporation ICX274AL Datasheet HTML 4Page - Sony Corporation ICX274AL Datasheet HTML 5Page - Sony Corporation ICX274AL Datasheet HTML 6Page - Sony Corporation ICX274AL Datasheet HTML 7Page - Sony Corporation ICX274AL Datasheet HTML 8Page - Sony Corporation ICX274AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 71 page
background image
– 5 –
ICX274AL
Clock Voltage Conditions
Readout clock
voltage
Vertical transfer
clock voltage
Horizontal transfer
clock voltage
Reset gate clock
voltage
Substrate clock
voltage
Item
VVT
VVH1, VVH2
VVH3, VVH4
VVL1, VVL2,
VVL3, VVL4
V
φV
VVH3 – VVH
VVH4 – VVH
VVHH
VVHL
VVLH
VVLL
V
φH
VHL
VCR
V
φRG
VRGLH – VRGLL
VRGL – VRGLm
V
φSUB
Symbol
14.55
–0.05
–0.2
–8.0
6.8
–0.25
–0.25
4.75
–0.05
0.8
3.0
21.5
Min.
15.0
0
0
–7.5
7.5
5.0
0
2.5
3.3
22.5
Typ.
15.45
0.05
0.05
–7.0
8.05
0.1
0.1
0.5
0.5
0.5
0.5
5.25
0.05
5.25
0.4
0.5
23.5
Max.
Unit
1
2
2
2
2
2
2
2
2
2
2
3
3
3
4
4
4
5
Waveform
diagram
VVH = (VVH1 + VVH2)/2
VVL = (VVL3 + VVL4)/2
V
φV = VVHn – VVLn (n = 1 to 4)
High-level coupling
High-level coupling
Low-level coupling
Low-level coupling
Cross-point voltage
Low-level coupling
Low-level coupling
Remarks
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com