Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4860M Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4860M
Description  Series 1W Audio Power Amplifier with Shutdown Mode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4860M Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4860M Datasheet HTML 1Page - National Semiconductor (TI) LM4860M Datasheet HTML 2Page - National Semiconductor (TI) LM4860M Datasheet HTML 3Page - National Semiconductor (TI) LM4860M Datasheet HTML 4Page - National Semiconductor (TI) LM4860M Datasheet HTML 5Page - National Semiconductor (TI) LM4860M Datasheet HTML 6Page - National Semiconductor (TI) LM4860M Datasheet HTML 7Page - National Semiconductor (TI) LM4860M Datasheet HTML 8Page - National Semiconductor (TI) LM4860M Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LM4860
Series 1W Audio Power Amplifier with Shutdown Mode
General Description
The LM4860 is a bridge-connected audio power amplifier ca-
pable of delivering 1W of continuous average power to an
8
Ω load with less than 1% (THD+N) over the audio spectrum
from a 5V power supply.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components using surface mount packaging. Since
the LM4860 does not require output coupling capacitors,
bootstrap capacitors or snubber networks, it is optimally
suited for low-power portable systems.
The LM4860 features an externally controlled, low-power
consumption shutdown mode, as well as an internal thermal
shutdown protection mechanism. It also includes two head-
phone control inputs and a headphone sense output for ex-
ternal monitoring.
The unity-gain stable LM4860 can be configured by external
gain setting resistors for differential gains of 1 to 10 without
the use of external compensation components.
Key Specifications
n THD+N at 1W continuous average
output power into 8
Ω:1% (max)
n Instantaneous peak output power:
>2W
n Shutdown current:
0.6 µA (typ)
Features
n No output coupling capacitors, bootstrap capacitors, or
snubber circuits are necessary
n Small Outline (SO) power packaging
n Compatible with PC power supplies
n Thermal shutdown protection circuitry
n Unity-gain stable
n External gain configuration capability
n Two headphone control inputs and headphone sensing
output
Applications
n Personal computers
n Portable consumer products
n Cellular phones
n Self-powered speakers
n Toys and games
Typical Application
Connection Diagram
The Boomer® registered trademark is licensed to National Semiconductor for audio integrated circuits by Rockford Corporation.
Patents pending.
DS011988-1
FIGURE 1. Typical Audio Amplifier Application Circuit
Small Outline Package
DS011988-2
Top View
Order Number LM4860M
See NS Package Number M16A
August 1994
© 1999 National Semiconductor Corporation
DS011988
www.national.com


Similar Part No. - LM4860M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4860M TI1-LM4860M Datasheet
1,004Kb / 20P
Series 1W Audio Power Amplifier with Shutdown Mode
LM4860M TI2-LM4860M Datasheet
567Kb / 21P
LM4860 Series 1W Audio Power Amplifier with Shutdown Mode
REVISED MAY 2013
LM4860M.A TI2-LM4860M.A Datasheet
567Kb / 21P
LM4860 Series 1W Audio Power Amplifier with Shutdown Mode
REVISED MAY 2013
LM4860M/NOPB TI1-LM4860M/NOPB Datasheet
1,004Kb / 20P
Series 1W Audio Power Amplifier with Shutdown Mode
LM4860M/NOPB TI2-LM4860M/NOPB Datasheet
567Kb / 21P
LM4860 Series 1W Audio Power Amplifier with Shutdown Mode
REVISED MAY 2013
More results

Similar Description - LM4860M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4819 NSC-LM4819 Datasheet
616Kb / 21P
350mW Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
1.1W Audio Power Amplifier with Shutdown Mode
LM4860 NSC-LM4860_00 Datasheet
323Kb / 11P
Series 1W Audio Power Amplifier with Shutdown Mode
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
1.1W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871_03 Datasheet
469Kb / 16P
3W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4860M_NOPB TI1-LM4860M_NOPB Datasheet
1,004Kb / 20P
Series 1W Audio Power Amplifier with Shutdown Mode
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PA4819 UTC-PA4819_15 Datasheet
285Kb / 7P
350mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com