Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INTEL82801 Datasheet(PDF) 39 Page - Intel Corporation

Part # INTEL82801
Description  82801AB (ICH0) I/O Controller Hub
PDF  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

INTEL82801 Datasheet(HTML) 39 Page - Intel Corporation

Back Button INTEL82801 Datasheet HTML 35Page - Intel Corporation INTEL82801 Datasheet HTML 36Page - Intel Corporation INTEL82801 Datasheet HTML 37Page - Intel Corporation INTEL82801 Datasheet HTML 38Page - Intel Corporation INTEL82801 Datasheet HTML 39Page - Intel Corporation INTEL82801 Datasheet HTML 40Page - Intel Corporation INTEL82801 Datasheet HTML 41Page - Intel Corporation INTEL82801 Datasheet HTML 42Page - Intel Corporation INTEL82801 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 414 page
background image
82801AA and 82801AB Datasheet
2-11
Signal Description
2.16
General Purpose I/O
Table 2-16. General Purpose I/O Signals
Name
Type
Description
GPIO[0:1]
I
Fixed as Input only. Main Power Well. Can instead be used for PC/PCI REQ[A:B]#.
GPIO[2:4]
I
Not implemented
GPIO[5:6]
I
Fixed as Input only. Main Power Well.
GPIO[7]
I
Fixed as Input only. Main Power Well.
GPIO[8]
I
Fixed as Input only. Resume Power Well. Can instead be used for LDRQ[1]#.
GPIO[9]
I
Fixed as Input only. Resume Power Well. Can instead be used for AC_SDIN[1].
GPIO[10]
I
Not implemented.
GPIO[11]
I
Fixed as Input only. Resume Power Well. Can instead be used for SMBALERT#.
GPIO[12:13]
I
Fixed as Input only. Resume Power Well.
GPIO[14:15]
I
Not implemented.
GPIO[16:17]
O
Fixed as Output only. Main Power Well. Can instead be used for PC/PCI
GNT[A:B]#.
GPIO[18:20]
O
Not implemented
GPIO[21:22]
O
Fixed as Output only. Main Power Well
GPIO[23]
OD
Fixed as Output only. Main Power Well.
GPIO[24]
O
Fixed as Output only. Resume Power Well. Can instead be used for SLP_S3#
GPIO[25]
O
Fixed as Output only. Resume Power Well. Can instead be used for SUS_STAT#.
GPIO[26]
O
Fixed as Output only. Resume Power Well.
GPIO[27:28]
OD
Can be Input or Output. Resume Power Well.
GPIO[29:31]
I/O
Not implemented
For the ICH (82801AA), GPIO[1] can alternatively be used for PCI REQ[5]#.
For the ICH (82801AA), this signal can instead be used as PERR#.
For the ICH (82801AA), GPIO[17] can alternatively be used for PCI GNT[5]#
For the ICH (82801AA), this signal can instead be used for SUS_CLK.
For the ICH (82801AA), this signal can instead be used for ALERTCLK and
ALERTDATA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com