Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4SWX10B-1 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SWX10B-1
Description  Broad Bandwidth Specified 2 - 18 GHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SWX10B-1 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4SWX10B-1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SWX10B-1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SWX10B-1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SWX10B-1 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SWX10B-1 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SWX10B-1 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SWX10B-1 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HMIC™ Silicon PIN Diode Switches
with Integrated Bias Network
Rev. V6
MA4SWx10B-1 Series
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Broad Bandwidth Specified 2 - 18 GHz
 Usable up to 26 GHz
 Integrated Bias Network
 Lower Insertion Loss / Higher Isolation
 Fully Monolithic, Glass Encapsulated Chip
 Up to +33 dBm CW Power Handling @ +25°C
 RoHS* Compliant
Description
The MA4SW210B-1 (SP2T) and MA4SW310B-1
(SP3T) broadband switches with an integrated bias
networks utilizing MACOM’s HMICTM (Heterolithic
Microwave Integrated Circuit) process, US Patent
5,268,310. This process allows the incorporation of
silicon pedestals that form series and shunt diodes
or vias by imbedding them in low loss, low
dispersion glass. By using small spacing between
circuit elements, this combination of silicon and
glass gives HMIC devices low loss and high isolation
performance with exceptional repeatability through
low millimeter frequencies.
The top side of the chip is protected by a polymer
coating for manual or automatic handling and large
gold bond pads help facilitate connection of low
inductance ribbons. The gold metallization on the
backside of the chip allows for attachment via 80/20
(gold/tin) solder or conductive silver epoxy.
Ordering Information
Part Number
Package
MA4SW210B-1
Gel Pack
MA4SW310B-1
Gel Pack
*Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.
MA4SW210B-1 (SP2T)
Functional Diagrams1
MA4SW310B-1 (SP3T)
1. Yellow areas indicate ribbon/wire bonding pads


Similar Part No. - MA4SWX10B-1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SWX10 MA-COM-MA4SWX10 Datasheet
950Kb / 9P
Specified from 50 MHz to 20 GHz
More results

Similar Description - MA4SWX10B-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RMDA1840 ETC-RMDA1840 Datasheet
389Kb / 7P
18-40 GHz Broad Band Driver Amplifier MMIC
logo
Teledyne Technologies I...
CLA-18-2002 TELEDYNE-CLA-18-2002 Datasheet
895Kb / 2P
Amplifier 2 GHz - 18 GHz
CLA-18-2003 TELEDYNE-CLA-18-2003 Datasheet
894Kb / 2P
Amplifier 2 GHz - 18 GHz
TMA-18-2002 TELEDYNE-TMA-18-2002 Datasheet
891Kb / 2P
Amplifier 2 GHz - 18 GHz
TMA-18-2004 TELEDYNE-TMA-18-2004 Datasheet
889Kb / 2P
Amplifier 2 GHz - 18 GHz
logo
Aplus Intergrated Circu...
LC8500 APLUS-LC8500 Datasheet
144Kb / 3P
Broad Bandwidth: 10-500 MHz
logo
M/A-COM Technology Solu...
MA4SW410B-1 MA-COM-MA4SW410B-1_14 Datasheet
978Kb / 6P
Broad Bandwidth Specified up to 18 GHz
MA4SW510B-1 MA-COM-MA4SW510B-1_16 Datasheet
726Kb / 7P
Broad Bandwidth Specified up to 18 GHz
logo
Laird Tech Smart Techno...
S4906WB LSTD-S4906WB Datasheet
286Kb / 1P
5 GHz broad band WLAN
S4908WB LSTD-S4908WB Datasheet
626Kb / 1P
5 GHz broad band WLAN
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com