Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4SW210B-1 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SW210B-1
Description  Broad Bandwidth Specified 2 - 18 GHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SW210B-1 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MA4SW210B-1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SW210B-1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SW210B-1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SW210B-1 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SW210B-1 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SW210B-1 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SW210B-1 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HMIC™ Silicon PIN Diode Switches
with Integrated Bias Network
Rev. V6
MA4SWx10B-1 Series
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
Typical RF Performance at TAMB = +25°C, 20 mA Bias Current
ISOLATION vs FREQUENCY
MA4SW210B-1
-70
-60
-50
-40
-30
-20
-10
0
0
2
4
6
8 10 12 14 16 18 20 22 24 26
FREQUENCY, GHz
INSERTION LOSS vs FREQUENCY
MA4SW210-B1
-8
-6
-4
-2
0
2
0
2
4
6
8 10 12 14 16 18 20 22 24 26
FREQUENCY, GHz
ISOLATION vs FREQUENCY
MA4SW310B-1
-70
-60
-50
-40
-30
-20
-10
0
0
2 4
6 8 10 12 14 16 18 20 22 24 26
FREQUENCY, GHz
INSERTION LOSS vs FREQUENCY
MA4SW310B-1
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
0 2 4 6 8 10 12 14 16 18 20 22 24 26
FREQUENCY, GHz
RETURN LOSS vs FREQUENCY
MA4SW310B-1
-40
-35
-30
-25
-20
-15
-10
-5
0
0 2
4 6
8 10 12 14 16 18 20 22 24 26
FREQUENCY, GHz
RETURN LOSS vs FREQUENCY
MA4SW210B-1
-40
-35
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8
10
12
14
16
18
20
22
24
26
FREQUENCY, GHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com