Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGS30B60K Datasheet(PDF) 1 Page - International Rectifier

Part # IRGS30B60K
Description  INSULATED GATE BIPOLAR TRANSISTOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS30B60K Datasheet(HTML) 1 Page - International Rectifier

  IRGS30B60K Datasheet HTML 1Page - International Rectifier IRGS30B60K Datasheet HTML 2Page - International Rectifier IRGS30B60K Datasheet HTML 3Page - International Rectifier IRGS30B60K Datasheet HTML 4Page - International Rectifier IRGS30B60K Datasheet HTML 5Page - International Rectifier IRGS30B60K Datasheet HTML 6Page - International Rectifier IRGS30B60K Datasheet HTML 7Page - International Rectifier IRGS30B60K Datasheet HTML 8Page - International Rectifier IRGS30B60K Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
INSULATED GATE BIPOLAR TRANSISTOR
10/8/03
www.irf.com
1
IRGB30B60K
IRGS30B60K
IRGSL30B60K
VCES = 600V
IC = 50A, TC=100°C
at TJ=175°C
tsc > 10µs, TJ=150°C
VCE(on) typ. = 1.95V
Features
• Low VCE (on) Non Punch Through IGBT Technology.
• 10µs Short Circuit Capability.
• Square RBSOA.
• Positive VCE (on) Temperature Coefficient.
• Maximum Junction Temperature rated at 175°C.
Benefits
• Benchmark Efficiency for Motor Control.
• Rugged Transient Performance.
• Low EMI.
• Excellent Current Sharing in Parallel Operation.
PD - 94799
D2Pak
IRGS30B60K
TO-220AB
IRGB30B60K
TO-262
IRGSL30B60K
E
C
G
n-channel
Absolute Maximum Ratings
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
78
g
IC @ TC = 100°C Continuous Collector Current
50
A
ICM
Pulse Collector Current (Ref.Fig.C.T.5)
120
ILM
Clamped Inductive Load current
™
120
VISOL
RMS Isolation Voltage, Terminal to Case, t=1 min.
2500
V
VGE
Gate-to-Emitter Voltage
±20
PD @ TC = 25°C
Maximum Power Dissipation
370
W
PD @ TC = 100°C Maximum Power Dissipation
180
TJ
Operating Junction and
-55 to +175
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting Torque, 6-32 or M3 Screw
10 lbf·in (1.1 N·m)
Thermal / Mechanical Characteristics
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case- IGBT
–––
–––
0.41
°C/W
RθCS
Case-to-Sink, flat, greased surface
–––
0.50
–––
RθJA
Junction-to-Ambient, typical socket mount
d
–––
–––
62
RθJA
Junction-to-Ambient (PCB Mount, Steady State)
eÃÃ –––
–––
40
Wt
Weight
–––
1.44
–––
g


Similar Part No. - IRGS30B60K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGS30B60K IRF-IRGS30B60K Datasheet
323Kb / 13P
INSULATED GATE BIPOLAR TRANSISTOR
IRGS30B60KPBF IRF-IRGS30B60KPBF Datasheet
385Kb / 14P
INSULATED GATE BIPOLAR TRANSISTOR
IRGS30B60KPBF IRF-IRGS30B60KPBF Datasheet
385Kb / 14P
INSULATED GATE BIPOLAR TRANSISTOR
IRGS30B60KPBF IRF-IRGS30B60KPBF_15 Datasheet
385Kb / 14P
INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRGS30B60K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
GA200SA60SP IRF-GA200SA60SP Datasheet
322Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC40WS IRF-IRG4BC40WS Datasheet
343Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF Datasheet
252Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC50SPBF IRF-IRG4PC50SPBF Datasheet
982Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4P254SPBF IRF-IRG4P254SPBF Datasheet
329Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC10SPBF IRF-IRG4BC10SPBF Datasheet
266Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
IRG7PH50UPBF IRF-IRG7PH50UPBF Datasheet
366Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC20WPBF IRF-IRG4BC20WPBF Datasheet
209Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
IRGP4066PBF IRF-IRGP4066PBF Datasheet
275Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com