Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRPLDIM1U Datasheet(PDF) 4 Page - International Rectifier

Part # IRPLDIM1U
Description  Dimming Ballast Control IC Design Kit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM1U Datasheet(HTML) 4 Page - International Rectifier

  IRPLDIM1U Datasheet HTML 1Page - International Rectifier IRPLDIM1U Datasheet HTML 2Page - International Rectifier IRPLDIM1U Datasheet HTML 3Page - International Rectifier IRPLDIM1U Datasheet HTML 4Page - International Rectifier IRPLDIM1U Datasheet HTML 5Page - International Rectifier IRPLDIM1U Datasheet HTML 6Page - International Rectifier IRPLDIM1U Datasheet HTML 7Page - International Rectifier IRPLDIM1U Datasheet HTML 8Page - International Rectifier IRPLDIM1U Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
www.irf.com
IRPLDIM1U Bill Of Materials
Lamp Type: T8/32W Line Input Voltage: 90 to 140 VAC/50/60Hz
Item
Qty
Reference
Description
Manufacturer
Part Number
1
1
BR1
Bridge Rectifier, 1A, 1000V
International Rectifier
DF10S
2
1
C4,CVDC
Capacitor, 0.47uF, SMT 1206
Panasonic
ECJ-3YB1E474K
3
1
C5
Capacitor, 0.68uF, SMT 1206
Panasonic
ECJ-3YB1E684K
4
1
C3
Capacitor, 0.01uF, SMT 1206
Panasonic
ECU-V1H103KBM
5
1
CVCO
Capacitor, 0.022uF, SMT 1206
Panasonic
ECU-V1H223KBM
6
1
C1
Capacitor, 0.33uF, 275VAC
Roederstein
F1772433-2200
7
2
CDC,C2
Capacitor, 0.1uF, 400VDC
Wima
MKP10
8
5
C7,CVCC1,C11,CMIN,
CDIM
Capacitor, 0.1uF, SMT 1206
Panasonic
ECJ-3VB1E104K
9
1
CPH
Capacitor, 0.39uF, SMT 1206
Panasonic
ECJ-3YB1E394K
10
1
CBUS
Capacitor, 10uF, 350VDC,105C
Panasonic
EEU-EB2V100
11
1
CVCC2
Capacitor, 4.7uF, 25VDC,105C
Panasonic
EEU-FC1H4R7
12
1
C10
Capacitor, 100pF, SMT 1206
Panasonic
ECU-V1H101JCH
13
1
C12
Capacitor, 1.5nF,1KV, SMT 1812
Johanson
102S43W152KV4
14
1
CRES
Capacitor, 8.2nF, 1600VDC
Panasonic
ECW-H16822JV
15
2
D1,D4
Diode, 1N4148, SMT DL35
Diodes
LL4148
16
2
D2,D3
Diode, SMT SMB
International Rectifier
10DF60
17
1
D5
Zener Diode, 20V, SMT DL35
Diodes
ZMM5250B-7
18
1
IC1
IC, Power Factor Controller
ST
L6561D
19
1
IC2
IC, Dimming Ballast Controller
International Rectifier
IR21592
20
1
L1
EMI Inductor, 1x10mH, 0.7A
Panasonic
ELF-15N007A
21
1
LPFC
PFC Inductor, 2.0mH, 2.0Apk
Coilcraft
Z9264B
22
1
LRES
Inductor, 2.0mH, 2.0Apk
Coilcraft
Z9265B
23
2
MHS,MLS
Transistor, MOSFET
International Rectifier
IRF720
24
1
MPFC
Transistor, MOSFET
International Rectifier
IRF730
25
1
R15
Resistor, 1K Ohm, SMT 1206
Panasonic
ERJ-8GEYJ102V
26
1
RFMIN
Resistor, 36K Ohm, SMT 1206
Panasonic
ERJ-8GEYJ363V
27
1
RDIM
Resistor, 10K Ohm, SMT 1206
Panasonic
ERJ-8GEYJ103V
28
1
RMAX
Resistor, 24K Ohm, SMT 1206
Panasonic
ERJ-8GEYJ243V
29
1
RMIN
Resistor, 27K Ohm, SMT 1206
Panasonic
ERJ-8GEYJ273V
30
1
RVDC
Resistor, 47K Ohm, SMT 1206
Panasonic
ERJ-8GEYJ473V
31
2
RIPH, R6
Resistor, 22K Ohm, SMT 1206
Panasonic
ERJ-8GEYJ223V
32
1
R12
Resistor, 13K Ohm, SMT 1206
Panasonic
ERJ-8GEYJ133V
33
2
R1,R2
Resistor, 680K Ohm, SMT 1206
Panasonic
ERJ-8GEYJ684V
34
1
R3
Resistor, 7.5K Ohm, SMT 1206
Panasonic
ERJ-8GEYJ752V
35
1
R4
Resistor, 330K Ohm
Yageo
CFR-25JR-330K
36
1
R5
Resistor, 1M Ohm
Yageo
CFR-25JR-1M0
37
3
R7,R13,R14
Resistor, 22 Ohm, SMT 1206
Panasonic
ERJ-8GEYJ220V
38
1
F1
Resistor, 0.5 Ohm, ½ Watt
Dale
CW-1/2
39
2
R9,R16
Resistor, 100K Ohm, SMT 1206
Panasonic
ERJ-8GEYJ104V
40
2
R10,R11
Resistor, 820K Ohm, SMT 1206
Panasonic
ERJ-8GEYJ824V
41
1
R17
Resistor, 1M Ohm, SMT 1206
Panasonic
ERJ-8GEYJ105V
42
1
RS
Resistor, 0.5 Ohm, ¼ Watt
Yageo
CFR-25JR-R5
43
1
RCS
Resistor, 0.57Ohm, ¼ Watt
Yageo
CFR-25JR-R57
44
1
RDC
Resistor, 100K Ohm, ¼ Watt
Yageo
CFR-25JR-100K
45
1
X1
Connector, 5 terminal
Wago
46
1
X2
Connector, 4 terminal
Wago
236-404
47
1
J1
Jumper
48
1
CY
Y Capacitor
Roederstein
WYO222MCMBFOK
49
1
RV1
Varistor
Panasonic
ERZ-VO5D471
50
2
RLM1,RLM2
Resistor, 10 Ohm, SMT 1206
Panasonic
ERJ-8GEYJ100V
Total
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com