| Electronic Components Datasheet Search |
|
KS0708 Datasheet(PDF) 17 Page - Samsung semiconductor |
|
|
|||||||||||||||||||||||||||||
KS0708 Datasheet(HTML) 17 Page - Samsung semiconductor |
|
17 / 27 page ![]() PRELIMINARY SPECIFICATION 64COM/128SEG DRIVE FOR DOT MATRIX LCD KS0708 17 M/M-96-D001 97-09-19 Instructions ¡á Read Display Data Reads 8-bit data display data RAM area specified by column address and page address. As the column address is incremented by 1 automatically after each read operation, the microprocessor can continue to read data of multiple words. RS RW DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 1 1 Read data ¡á Write Display Data Writes 8-bit data in display data RAM. As the column address is incremented by 1 automatically after each write operation, the microprocessor can continue to write data of multiple words. RS RW DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 1 0 Write data ¡á Read Status Indicates the internal status conditions of the device to the microprocessor. RS RW DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 0 1 BUSY 0 ON/OFF RESET 0 0 0 0 Flag Description BUSY The device is busy due to internal operation or reset. Any instruction is rejected until BUSY goes Low. ON/OFF Indicates whether the display is on or off. When goes Low, the display is on. When goes High, the display is off. This is the opposite of Display ON/OFF instruction. RESET Indicates the initialization is in progress by RESETB signal. When Low, the chip is in active. When High, the chip is being reset. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |