Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVQP4MB3K Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EVQP4MB3K
Description  Light Touch Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQP4MB3K Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EVQP4MB3K Datasheet HTML 1Page - Panasonic Semiconductor EVQP4MB3K Datasheet HTML 2Page - Panasonic Semiconductor EVQP4MB3K Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Light Touch Switches/EVQP4
P.W.B.
0.3 max.
6.0±0.1
7.0±0.1
5.8±0.1
0.05 max.
R0.5
max.
3.1±0.1
4.8±0.1
2.7±0.1
5.7±0.1
6.2
+0.4
_0
1
2
Circuit diagram
PWB land pattern for reference
5.1
+0.1
_0
3
4
1
2
3
4
1
2
6.2
+0.4
_0
5.7±0.1
2.7±0.1
4.8±0.1
2.6
3.1±0.1
R0.5
max.0.05 max.
5.8±0.1
7.0±0.1
6.0±0.1
0.3 max.
P.W.B.
Circuit diagram
PWB land pattern for reference
1
2
5.1
+0.1
_0
3
4
1
2
3
4
1
2
■ Dimensions in mm (not to scale)
No. 1
Part Numbers
Operating Force
Height
Push Plate Color
Operating Life
EVQP4HB3B
2.5 N
3.5 mm
Blue
1000000 cycles
EVQP4KB3Q
3.5 N
3.5 mm
Gray
500000 cycles
EVQP4MB3K
5.0 N
3.5 mm
Black
200000 cycles
Part Numbers
Operating Force
Height
Push Plate Color
Operating Life
EVQP40B3M
1.0 N
3.5 mm
Natural
1000000 cycles
EVQP42B3M
1.6 N
3.5 mm
Natural
1000000 cycles
EVQP44B3M
2.4 N
3.5 mm
Natural
500000 cycles
EVQP46B3M
3.5 N
3.5 mm
Natural
200000 cycles
No. 2
EVQP4
Middle push travel
EVQP4
Short push travel
* Height from surface of PCB : 1.35 mm
* Height from surface of PCB : 1.35 mm
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
ANCTB27E 201606-Fd
 
Panasonic Corporation 2016
industrial.panasonic.com/ac/e/
Panasonic Corporation Electromechanical Control Business Division
–2–



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com