Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTF8035 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF8035
Description  Low-loss RF filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF8035 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF8035 Datasheet HTML 1Page - Advanced Crystal Technology ACTF8035 Datasheet HTML 2Page - Advanced Crystal Technology ACTF8035 Datasheet HTML 3Page - Advanced Crystal Technology ACTF8035 Datasheet HTML 4Page - Advanced Crystal Technology ACTF8035 Datasheet HTML 5Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics
Characteristic
Minimum
Typical
Maximum
Unit
Center Frequency @25 ℃
fC
868.350
MHz
Insertion Loss
IL
--
3.5
4.8
dB
3dB Bandwidth
BW3
1800
kHz
Attenuation:
(relative to ILmin)
10.0
…
700.0 MHz
700.0
…
830.0 MHz
830.0
…
850.0 MHz
850.0
…
864.4 MHz
872.4
…
877.4 MHz
877.4
…
882.4 MHz
882.4
…
900.0 MHz
900.0 … 1000.0 MHz
αrel
50
38
32
22
16
24
28
40
55
43
38
27
20
28
35
45
dB
Temperature
Frequency Temperature Coefficient
FTC
0.032
ppm/℃
2
Frequency Aging
Absolute Value during the First Year
|fA|
10
ppm/yr
RoHS Compliant
Electrostatic Sensitive Device
Typical Frequency Response



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com