Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTF8058/868.6W/DCC6 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTF8058/868.6W/DCC6
Description  SAW BANDPASS FILTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF8058/868.6W/DCC6 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTF8058/868.6W/DCC6 Datasheet HTML 1Page - Advanced Crystal Technology ACTF8058/868.6W/DCC6 Datasheet HTML 2Page - Advanced Crystal Technology ACTF8058/868.6W/DCC6 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5. Performance
5-1. Maximum Ratings
Rating
Value
Unit
Input Power Level
P
10
dBm
DC Voltage
VDC
12
V
Operable Temperature Range
TA
-40 to +85
℃
Storage Temperature Range
Tstg
-40 to +85
℃
5-2. Electronic Characteristics
Characteristic
Min.
Typ.
Max.
Unit
Center Frequency
fC
868.600
MHz
Insertion Loss
IL
865.6 MHz …. 871.6 MHz
--
2.4
4.0
dB
3dB Bandwidth
BW3
10
11.5
MHz
Passband Ripple
Δα
865.6 MHz …. 871.6 MHz
--
0.5
1.0
dB
Relative Attenuation (relative to IL)
αrel
100.00 MHz …. 856.00 MHz
885.00 MHz …. 905.00 MHz
905.00 MHz ….1500.00 MHz
35
35
40
42
58
55
--
--
--
dB
dB
dB
Input / Output Impedance
50
Ω
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
○
C
E
A
ACT 2012. All Rights Reserved.
1.
The frequency fC is defined as the midpoint between the 3dB frequencies.
2.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is
connected to a 50
Ω test system with VSWR≤1.2:1. The test fixture L and C are adjusted for minimum insertion
loss at the filter center frequency, fC. Note that insertion loss, bandwidth, and passband shape are dependent on
the impedance matching component values and quality.
3.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
4.
The specifications of this device are based on the test circuit shown above and subject to change or obsolescence
without notice.
5.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to
manufacture or sale.
6.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications,
processes and circuits implemented within components or assemblies.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com