Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTF9001 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTF9001
Description  RF filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9001 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTF9001 Datasheet HTML 1Page - Advanced Crystal Technology ACTF9001 Datasheet HTML 2Page - Advanced Crystal Technology ACTF9001 Datasheet HTML 3Page - Advanced Crystal Technology ACTF9001 Datasheet HTML 4Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Tel :
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
3 OF 4
5-2.Electronic characteristics
Operating temperature range:
T = -40
°c… +85 °c
Terminating source impedance:
ZS= 200 Ω
Terminating load impedance:
ZL = 200 Ω
Characteristic
Min.
Typ.
Max.
Units
Centre Frequency
fC
1220.0
MHz
Maximum insertion Loss (±4MHz)
ILmax
3.5
4.7
5.8
dB
Ripple in passband (±4MHz)
∆
α
0.8
1.5
dB
Attenuation
α
rel
500.00 …. fc–91.00 MHz
fc–91.00 …. fc–85.00 MHz
fc–76.00 …. fc–68.00 MHz
fc–88.00 MHz
fc–72.00 MHz
fc–44.00 MHz
fc–36.00 MHz
fc+70.00 …. 2000.00 MHz
50.0
50.0
46.0
50.0
48.0
50.0
46.0
50.0
60.0
60.0
55.0
60.0
58.0
60.0
52.0
55.0
dB
Group delay ripple
∆
τ
Aperture 500 kHz
1216.00 …… 1224.00 MHz
15
ns
Issue : 1.1 C1
Date : March 2010



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com