Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTF9028/916.5MHZ/QCC8C Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTF9028/916.5MHZ/QCC8C
Description  SAW BANDPASS FILTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9028/916.5MHZ/QCC8C Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTF9028/916.5MHZ/QCC8C Datasheet HTML 1Page - Advanced Crystal Technology ACTF9028/916.5MHZ/QCC8C Datasheet HTML 2Page - Advanced Crystal Technology ACTF9028/916.5MHZ/QCC8C Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5. Performance
5-1.Maximum Rating
Rating
Value
Unit
Input Power Level
Pin
10
dBm
DC Voltage
VDC
12
V
Storage Temperature Range
Tstg
-40 to +85
℃
Operating Temperature Range
TA
-10 to +60
℃
5-2.Electronic Characteristics
Characteristic
Minimum
Typical
Maximum
Unit
Center Frequency
fC
(center frequency between 3dB points)
916.500
MHz
Insertion Loss
IL
--
4.0
5.5
dB
3dB Pass band
BW3
1,200
kHz
Rejection
at fC-21.4MHz (Image)
30
42
--
dB
at fC-10.7MHz (LO)
20
35
--
Ultimate
--
60
--
Temperature
Turnover Temperature
TO
25
55
℃
Turnover Frequency
fO
fC
MHz
Frequency Temperature Coefficient
FTC
0.032
ppm/℃
2
Frequency Aging
Absolute Value during the First Year
|fA|
10
ppm/yr
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
○
C
E
A
ACTF 2003. All Rights Reserved.
1.
The frequency fC is defined as the midpoint between the 3dB frequencies.
2.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is connected to a 50
Ω test
system with VSWR≤1.2:1. The test fixture L and C are adjusted for minimum insertion loss at the filter center frequency, fC. Note that
insertion loss, bandwidth, and passband shape are dependent on the impedance matching component values and quality.
3.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
4.
Frequency aging is the change in fC with time and is specified at +65°C or less. Aging may exceed the specification for prolonged
temperatures above +65°C. Typically, aging is greatest the first year after manufacture, decreasing in subsequent years.
5.
Turnover temperature, T0, is the temperature of maximum (or turnover) frequency, f0. The nominal frequency at any case temperature,
TC, may be calculated from: f = f0 [1 - FTC (T0 - TC)
2].
6.
The specifications of this device are based on the test circuit shown above and subject to change or obsolescence without notice.
7.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to manufacture or sale.
8.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications, processes and circuits
implemented within components or assemblies.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com