Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2364 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2364
Description  2.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2364 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMX2364 Datasheet HTML 1Page - National Semiconductor (TI) LMX2364 Datasheet HTML 2Page - National Semiconductor (TI) LMX2364 Datasheet HTML 3Page - National Semiconductor (TI) LMX2364 Datasheet HTML 4Page - National Semiconductor (TI) LMX2364 Datasheet HTML 5Page - National Semiconductor (TI) LMX2364 Datasheet HTML 6Page - National Semiconductor (TI) LMX2364 Datasheet HTML 7Page - National Semiconductor (TI) LMX2364 Datasheet HTML 8Page - National Semiconductor (TI) LMX2364 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
LMX2364
2.6 GHz PLLatinum Fractional RF Frequency Synthesizer
with 850 MHz Integer IF Frequency Synthesizer
General Description
The LMX2364 integrates a high performance 2.6 GHz frac-
tional frequency synthesizer with a 850 MHz low power
Integer-N frequency synthesizer. Designed for use in a local
oscillator subsystem of a radio transceiver, the LMX2364
generates very stable, low noise control signals for UHF and
VHF voltage controlled oscillators. It is fabricated using Na-
tional’s high performance BiCMOS process.
The RF Synthesizer supports both fractional and integer
modes. The N counter contains a selectable, quadruple
modulus prescaler and can support fractional denominators
from 1 to 128. A flexible, 4 level programmable charge pump
supplies output current magnitudes ranging from 1 mA to 16
mA. Only a single word write is required to power up and
tune the synthesizer to a new frequency.
High
performance
FastLock™
technology
makes
the
LMX2364 an excellent choice for applications requiring ag-
gressive lock time while maintaining excellent phase noise
and spurious performance. The combination of the improved
FastLock circuitry, the enhanced fractional compensation
engine, and the programmable charge pump architecture
gives the designer maximum freedom to optimize the perfor-
mance of the synthesizer for the target application. Inte-
grated timeout counters greatly simplify the programming
aspects of FastLock. These timeout counters reduce the
demands on the microcontroller by automatically disengag-
ing FastLock after a perscribed number of reference cycles
of the phase detector.
The IF synthesizer includes a fixed 8/9 dual modulus pres-
caler, a two level programmable charge pump, and dedi-
cated FastLock circuitry with an integrated timeout counter.
The LMX2364 offers many performance enhancements over
the LMX2354. Improvements in the fractional compensation
make the spurs on the LMX2364 approximately 6 dB better
in a typical application. The higher and more flexible frac-
tional modulus combined with the higher charge pump cur-
rents result in phase noise improvements on the order of 10
dB. The cycle slip reduction circuitry of the LMX2364 is both
easy to use and effective in reducing cycle slipping and
allows one to use very high phase detector frequencies
without degrading lock times.
Serial data is transferred to the device via a three-wire
interface (DATA, LE, CLK). The low voltage logic interface
allows direct connection to 1.8 Volt and 3.0 Volt devices.
Supply voltages from 2.7V to 5.5V are supported. Indepen-
dent charge pump supplies for each synthesizer allows the
designer to optimize the bias level for the selected VCO. The
LMX2364 consumes 5.0 mA (typical) of current in integer
mode and 7.2 mA (typical) in fractional mode. The LMX2364
is available in a 24 Pin Ultra Thin CSP package and 24 Pin
TSSOP Package.
Features
n
RF Synthesizer supports both Fractional and Integer
Operating Modes
n
Pin Compatible upgrade for LMX2354
n
2.7V to 5.5V operation
n
Pin and programmable power down
n
Fractional N divider supports fractional denominators
ranging from 1 through 128
n
Supports Integer Mode Operation
n
Programmable charge pump current levels
RF: 4 level, 1 – 16 mA
IF: 2 level, 100/800 uA
n
FastLock Technology with integrated timeout counters
n
Digital filtered & analog lock detect output
n
FastLock Glitch Reduction Technology
n
Enhanced Low Noise Fractional Compensation Engine
n
Low voltage programming interface allows direct
connection to 1.8V logic
Applications
n
Digital Cellular
n
GPRS
n
IS-136
n
GAIT
n
PDC
n
EDGE
n
CDMA
n
Zero blind slot TDMA systems
n
Cable TV Tuners (CATV)
FastLock™ is a trademark of National Semiconductor Corporation.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
July 2003
© 2003 National Semiconductor Corporation
DS200506
www.national.com


Similar Part No. - LMX2364

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2301 NSC-LMX2301 Datasheet
225Kb / 14P
PLLatinumTM 160 MHz Frequency Synthesizer for RF Personal Communications
LMX2301TM NSC-LMX2301TM Datasheet
225Kb / 14P
PLLatinumTM 160 MHz Frequency Synthesizer for RF Personal Communications
LMX2301TMX NSC-LMX2301TMX Datasheet
225Kb / 14P
PLLatinumTM 160 MHz Frequency Synthesizer for RF Personal Communications
LMX2305 NSC-LMX2305 Datasheet
228Kb / 14P
PLLatinumTM 550 MHz Frequency Synthesizer for RF Personal Communications
LMX2305TM NSC-LMX2305TM Datasheet
228Kb / 14P
PLLatinumTM 550 MHz Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2364

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2350 NSC-LMX2350 Datasheet
408Kb / 21P
PLLatinum TM Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
LMX2353 NSC-LMX2353 Datasheet
210Kb / 16P
PLLatinum??Fractional N Single 2.5 GHz Frequency Synthesizer
LMX2354 NSC-LMX2354 Datasheet
403Kb / 23P
PLLatinum Fractional N RF/ Integer N IF Dual Low Power Frequency Synthesizer
logo
NXP Semiconductors
SA8027 PHILIPS-SA8027 Datasheet
231Kb / 22P
2.5 GHz low voltage, low power RF fractional-N/IF integer frequency synthesizer
2001 Aug 21
logo
Skyworks Solutions Inc.
CX74038 SKYWORKS-CX74038 Datasheet
127Kb / 12P
2.6 GHz/800 MHz Dual Fractional-N/lnteger-N Frequency Synthesizer
logo
Hynix Semiconductor
HM6F5201 HYNIX-HM6F5201 Datasheet
328Kb / 25P
Dual Fractional-N / Integer-N Frequency Synthesizer
logo
Skyworks Solutions Inc.
SKY74038 SKYWORKS-SKY74038 Datasheet
128Kb / 12P
2.6 GHz/800 MHz Dual Fractional-N/lnteger-N Frequency Synthesizer
logo
Analog Devices
ADF4251 AD-ADF4251_15 Datasheet
440Kb / 28P
Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
logo
Texas Instruments
LMV2350 TI1-LMV2350 Datasheet
449Kb / 23P
LMX2350/LMX2352 PLLatinum Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
LMX2350 TI1-LMX2350 Datasheet
449Kb / 23P
PLLatinum Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com