Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3983 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3983
Description  Micropower, Low Quiescent Current, CMOS Voltage Regulator in micro SMD Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3983 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3983 Datasheet HTML 1Page - National Semiconductor (TI) LP3983 Datasheet HTML 2Page - National Semiconductor (TI) LP3983 Datasheet HTML 3Page - National Semiconductor (TI) LP3983 Datasheet HTML 4Page - National Semiconductor (TI) LP3983 Datasheet HTML 5Page - National Semiconductor (TI) LP3983 Datasheet HTML 6Page - National Semiconductor (TI) LP3983 Datasheet HTML 7Page - National Semiconductor (TI) LP3983 Datasheet HTML 8Page - National Semiconductor (TI) LP3983 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LP3983
Micropower, Low Quiescent Current, CMOS Voltage
Regulator in micro SMD Package
General Description
The LP3983 is a fixed voltage low current regulator.
The LP3983 is ideally suited to standby type applications in
battery powered equipment, it allows the lifetime of the bat-
tery to be maximized. The device can be controlled via an
Enable(disable) control and can thus be used by the system
to further extend the battery lifetime by reducing the power
consumption to virtually zero.
Performance is specified for a -40˚C to 125˚C temperature
range.
For output voltages other than those stated and alternative
package options, please contact your local NSC sales office.
Features
n
Miniature 5 pin package
n
Logic Controlled Enable
n
No Noise Bypass Capacitor Required
n
Stable with Low ESR Ceramic Capacitors
n
Fast turn ON
n
Short Circuit Protection
Package
n
Tiny 5 Pin micro SMD
828µm by 1387µm
Key Specifications
n
Input Voltage Range
2.5 to 6.0V
n
Output Voltages
1.6, 1.8, & 2.5
n
Output Current
5mA
n
Output Capacitors
1µF Low ESR
n
Virtually Zero I
Q (Disabled)
1.0µA
n
Low I
Q (Enabled)
14µA
n
PSRR
10dB
n
Fast Start Up
170µs
Applications
n
GSM Portable Phones
n
CDMA Cellular Handsets
n
Bluetooth Devices
n
Portable Information Appliances
Typical Application Circuit
20057601
May 2003
© 2003 National Semiconductor Corporation
DS200576
www.national.com


Similar Part No. - LP3983

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3983 POWER-LP3983 Datasheet
250Kb / 8P
For BaseBand,300mA,Ultra-LowNoise Ultra-fast CMOS LDO Regrlator
logo
Texas Instruments
LP3983 TI2-LP3983 Datasheet
396Kb / 14P
LP3983 Micropower, Low Quiescent Current, CMOS Voltage Regulator in DSBGA Package
REVISED MARCH 2013
logo
Lowpower Semiconductor ...
LP3983-AB6F POWER-LP3983-AB6F Datasheet
250Kb / 8P
For BaseBand,300mA,Ultra-LowNoise Ultra-fast CMOS LDO Regrlator
LP3983H POWER-LP3983H Datasheet
512Kb / 10P
Ultra-Low-Noise for RF Application
logo
Texas Instruments
LP3983ITL TI1-LP3983ITL Datasheet
821Kb / 14P
LP3983 Micropower, Low Quiescent Current, CMOS Voltage Regulator in DSBGA Package
More results

Similar Description - LP3983

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78LC00 MOTOROLA-MC78LC00 Datasheet
117Kb / 8P
MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
logo
National Semiconductor ...
LP3984 NSC-LP3984 Datasheet
293Kb / 11P
Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature 4-I/O micro SMD Package
LP3986 NSC-LP3986 Datasheet
328Kb / 13P
Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in micro SMD Package
LP2967 NSC-LP2967 Datasheet
612Kb / 17P
Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
logo
STMicroelectronics
ST1L04 STMICROELECTRONICS-ST1L04 Datasheet
558Kb / 11P
LOW QUIESCENT CURRENT VOLTAGE REGULATOR
10-Feb-2005
logo
Texas Instruments
LP3983ITL TI1-LP3983ITL Datasheet
821Kb / 14P
LP3983 Micropower, Low Quiescent Current, CMOS Voltage Regulator in DSBGA Package
LP3983 TI-LP3983_15 Datasheet
820Kb / 15P
LP3983 Micropower, Low Quiescent Current, CMOS Voltage Regulator in DSBGA Package
logo
Global Mixed-mode Techn...
G921 GMT-G921 Datasheet
62Kb / 1P
Low Quiescent Current Voltage Regulator
G920 GMT-G920 Datasheet
65Kb / 1P
Low Quiescent Current Voltage Regulator
logo
Texas Instruments
LP2967 TI1-LP2967 Datasheet
1Mb / 20P
Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com