Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G771 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G771
Description  Two Remote Temperature Sensors with SMBus Serial Interface and System Reset Circuit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G771 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G771 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Ver 0.2 Preliminary
Dec 11, 2001
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G771
Global Mixed-mode Technology Inc.
Two Remote Temperature Sensors with SMBus
Serial Interface and System Reset Circuit
Features
Measures Two Remote Temperatures
No Calibration Required
SMBus 2-Wire Serial Interface
Programmable Under/Over-temperature Alarms
Programmable Thermal Shutdown Signal
Supports SMBus Alert Response
Accuracy: ±5°C (-40°C to + 125°C, remote)
±3°C (+60°C to + 100°C, remote)
4.5V to 5.5V Supply Range
Precision Monitoring of 5V Power-Supply
Voltage
140ms Min Power-On Reset Pulse Width
RESET Output
Guaranteed RESET Valid to VCC=1V
Power Supply Transient Immunity
No External Components needed for reset
function
Small, 16-Pin SSOP Package
Applications
Desktop and Notebook
Central Office Computers
Telecom Equipment
Smart Battery Packs
Test and Measurement
LAN Servers
Multi-Chip Modules
Industrial Controls
Pin Configuration
General Description
The G771 contains a precise digital thermometer, a
system-reset circuit, and a programmable thermal
shutdown signal.
The thermometer reports the temperature of 2 remote
sensors. The remote sensors are diode-connected
transistors
typically
a
low-cost,
easily
mounted
2N3904 NPN type that replace conventional thermis-
tors or thermocouples. Remote accuracy is ±5°C for
multiple transistor manufacturers, with no calibration
needed. The remote channel can also measure the die
temperature of other ICs, such as microprocessors,
that contain an on-chip, diode-connected transistor.
The 2-wire serial interface accepts standard System
Management Bus (SMBus
TM) Write Byte, Read Byte,
Send Byte, and Receive Byte commands to program
the alarm thresholds and to read temperature data.
The data format is 7 bits plus sign, with each bit cor-
responding
to 1°C, in two’s-complement format.
Measurements
can
be
done
automatically
and
autonomously, with the conversion rate programmed
by the user or programmed to operate in a single-shot
mode. The adjustable rate allows the user to control
the supply-current drain.
Ordering Information
PART*
TEMP. RANGE
PIN-PACKAGE
G771
-55°C to +125°C
16SSOP
TH_SHUT(push-pull)
NC
SMBDATA
1
2
3
4
5
6
7
8
NC
Vcc
DXP1
DXN
DXP2
DGND
AGND
16
15
14
13
12
11
10
9
SMBCLK
NC
ALERT
NC
RESET
16Pin SSOP
NC
G771
TH_SHUT(push-pull)
NC
SMBDATA
1
2
3
4
5
6
7
8
NC
Vcc
DXP1
DXN
DXP2
DGND
AGND
16
15
14
13
12
11
10
9
SMBCLK
NC
ALERT
NC
RESET
16Pin SSOP
NC
G771


Similar Part No. - G771

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G77-5 OMRON-G77-5 Datasheet
82Kb / 2P
Relay I/O Block Components Overview
G77-5 OMRON-G77-5 Datasheet
82Kb / 2P
Relay I/O Block Components Overview
logo
List of Unclassifed Man...
G775-0U ETC1-G775-0U Datasheet
417Kb / 7P
Single Phase Full Wave Bridge Retifiers
G775-1U ETC1-G775-1U Datasheet
417Kb / 7P
Single Phase Full Wave Bridge Retifiers
G775-2U ETC1-G775-2U Datasheet
417Kb / 7P
Single Phase Full Wave Bridge Retifiers
More results

Similar Description - G771

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1618 MAXIM-MAX1618 Datasheet
430Kb / 20P
Remote Temperature Sensor with SMBus Serial Interface
19-1495; Rev 1; 10/99
logo
List of Unclassifed Man...
G768B ETC-G768B Datasheet
370Kb / 15P
Remote/Local Temperature Sensor, 2 Fan Controllers with SMBus Serial Interface and System Reset Circuit
G766 ETC1-G766 Datasheet
248Kb / 13P
Remote Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX6695 MAXIM-MAX6695 Datasheet
192Kb / 20P
Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 1; 5/04
logo
Global Mixed-mode Techn...
G768D GMT-G768D Datasheet
343Kb / 16P
Two Remote Temperature Sensors and One Fan Controller with SMBus Serial Interface and System Reset Circuit
logo
Silicon Standard Corp.
SS8017 SSC-SS8017 Datasheet
497Kb / 16P
Two Remote Temperature Sensors with SMBus Serial Interface and System Reset
logo
Maxim Integrated Produc...
MAX6695 MAXIM-MAX6695_11 Datasheet
299Kb / 19P
Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 3; 4/11
logo
Global Mixed-mode Techn...
G788 GMT-G788 Datasheet
45Kb / 1P
Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
G7923 GMT-G7923 Datasheet
34Kb / 2P
Three Remote Temperature Sensors and One Fan Controllers with SMBus Serial Interface and System Reset Circuit
G7921 GMT-G7921 Datasheet
157Kb / 1P
Three Remote Temperature Sensors and One Fan Controllers with SMBus Serial Interface and System Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com