Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15-00629X Datasheet(PDF) 2 Page - CONEC Elektronische Bauelemente GmbH

Part # 15-00629X
Description  RECOMMENDED PANEL CUT-OUT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

15-00629X Datasheet(HTML) 2 Page - CONEC Elektronische Bauelemente GmbH

  15-00629X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 15-00629X Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A
A
B
B
C
C
D
D
E
E
F
F
A
A
B
B
C
C
D
D
dim. in mm
R
date
drawn
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
15K1A1536
A3
2
RECOMMENDED PANEL CUT-OUT
SEE SHEET 1
Lehmenkühler
30.09.14
26.01.15
Fischer
D-SUB FEMALE 9pos. SOLDER CUP
with closed 4-40 UNC thread
5:1
SEE SHEET 1
a
Original
1 x c
Ä5827
24.09.15 Unkrüer
20,5 `0,1
10° `1°
25 `0,1
B
A
i 0,26 B
i 0,26 A
RECOMMENDED PANEL CUT-OUT
Solder Instruction
1. Cable should be prepared for soldering. The cable/wires must be pretinned.
2. Insert cable/wire into solder cup.
3. Operate the soldering iron at 350°C, 50 Watt max. and use a pencil tip.
4. Apply some solder to the solder tip of the soldering iron.
5. Put tip to wire in solder cup.
6. After 1 second bring in solder.
7. Heat for 3 seconds longer. Do not heat contact more than 4 seconds in total.
8. Remove soldering iron.
9. Wait until solder gets rigid again.
10. Do not solder adjacent contacts consecutively,
alternate position within the connector to minimize heat build up.
c



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com