Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-7720 Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # HCPL-7720
Description  40 ns Propagation Delay CMOS Optocoupler
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7720 Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button HCPL-7720 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-7720 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-7720 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-7720 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-7720 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-7720 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-7720 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL-7720 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HCPL-7720 Datasheet HTML 17Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
Implementing CC-Link with the
HCPL-772X/072X
CC-Link (Control and
Communication Link) is
developed to merge control and
information in the low-level
network (field network) by PCs,
thereby making the multivendor
environment a reality. It has data
control and message-exchange
function, as well as bit control
function, and operates at the
speed up to 10 Mbps.
Figure 17. Recommended CC-Link application circuit.
Power Supplies and Bypassing
The recommended CC-Link circuit
is shown in Figure 17. Since the
HCPL-772X/072X are fully
compatible with CMOS logic level
signals, the optocoupler is
connected directly to the
transceiver. Two bypass
capacitors (with values between
0.01
µF and 0.1 µF) are required
and should be located as close as
possible to the input and output
power supply pins of the HCPL-
772X/072X. For each capacitor,
the total lead length between both
ends of capacitor and the power
supply pins should not exceed 20
mm. The bypass capacitors are
required because of the high
speed digital nature of the signals
inside the optocoupler.
VDD1
HCPL-7720#500
0.1 µ
VI
GND1
VDD2
VO
GND
GND1
RD1
10 K
VDD1
(5 V)
0.1 µ
GND2
VDD2
(5 V)
VDD2
HCPL-7720#500
0.1 µ
VO
GND
VDD1
VI
GND
SD
0.1 µ
VOE
HCPL-2611#560
VO
NC
+
–
NC
0.1 µ
MPU
BOARD
OUTPUT
390
HC14
HC14
1 K
VOE
HCPL-2611#560
VO
GND
NC
+
–
NC
0.1 µ
SDGATEON
390
HC14
HC14
1 K
10 K
10 K
GND
VDD
VDD
VCC
VCC
GND
GND
SN75ALS181NS
FIL
DA
DB
DG
SLD
FG
A
B
Y
Z
D
DE
RE
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com