Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M83 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M83
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M83 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M83 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M83 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 441 page
background image
Under
development
Rev.B2 for proof reading
Mitsubishi Microcomputers
M32C/83 group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Description
4
Table 1.1.2. Performance outline of M32C/83 group (100-pin version) (2/2)
X-Y converter
16 bits X 16 bits
Watchdog timer
15 bits x 1 (with prescaler)
Interrupt
42 internal and 8 external sources, 5 software sources, interrupt priority
level 7 levels
Clock generating circuit
3 built-in clock generation circuits
• Main/sub-clock generating circuit :built-in feedback resistance, and
external ceramic or quartz oscillator
• Ring oscillator for detecting main clock oscillation stop
Electric characteristics
Supply voltage
4.2 to 5.5V (f(XIN)=30MHz without wait), 3.0 to 3.6V (f(XIN)=20MHz without wait)
Power consumption
26mA (f(XIN)=20MHz without software wait,Vcc=5V)
38mA (f(XIN)=30MHz without software wait,Vcc=5V)
I/O characteristics
I/O withstand voltage :5V
I/O current :5mA
Operating ambient temperature
–40 to 85oC
Device configuration
CMOS high performance silicon gate
Package
100-pin plastic mold QFP
Note 1 :IE Bus is a trademark of NEC corporation.
Note 2 :I2C Bus is a registered trademark of Philips.
Note 3 :This function is executed by using software and hardware.
Mitsubishi plans to release the following products in the M32C/83 group:
(1) Support for mask ROM version and flash memory version
(2) ROM capacity
(3) Package
100P6S-A
: Plastic molded QFP (mask ROM version and flash memory version)
100P6Q-A
: Plastic molded QFP (mask ROM version and flash memory version)
144P6Q-A
: Plastic molded QFP (mask ROM version and flash memory version)
RAM size
(byte)
M30835FJGP
M30835MJGP
31K
M30833FJGP
M30833MJGP
M30833FJFP
M30833MJFP
20K
10K
128K
192K
256K
512K
ROM size
(byte)
Figure 1.1.1. ROM expansion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com