Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1167BEEE Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX1167BEEE
Description  Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1167BEEE Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX1167BEEE Datasheet HTML 14Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 15Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 16Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 17Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 18Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 19Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 20Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 21Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
The MAX1168 external clock 16-bit-wide data-transfer
mode requires 32 SCLK cycles for completion (Figure 11).
Force CS high after the conversion result is read. For
maximum throughput, force CS low again to initiate the
next conversion immediately after the specified mini-
mum time (tCSW). Forcing CS high in the middle of a
conversion immediately aborts the conversion and
places the MAX1168 in shutdown.
Internal Clock 8-Bit-Wide Data-Transfer and
Scan Mode (MAX1167 and MAX1168)
Force DSPR high and DSEL low (MAX1168) for the SPI/
QSPI/MICROWIRE interface mode. The falling edge of
CS wakes the analog circuitry and allows SCLK to clock
in data (Figure 12). DOUT changes from high-Z to logic
low after CS is brought low. Input data latches on the ris-
ing edge of SCLK. The command/configuration/control
register begins reading DIN on the first SCLK rising edge
and ends on the rising edge of the 8th SCLK cycle. The
MAX1167/MAX1168 select the proper channel for con-
version on the rising edge of the 3rd SCLK cycle. The
internal oscillator activates 125ns after the rising edge of
the 8th SCLK cycle. Turn off the external clock while the
internal clock is on. Turning off SCLK ensures the lowest
noise performance during acquisition. Acquisition begins
on the 2nd rising edge of the internal clock and ends on
the falling edge of the 6th internal clock cycle. Each bit
of the conversion result shifts into memory as it becomes
available. The conversion result is available (MSB first) at
DOUT on the falling edge of EOC. The internal oscillator
and analog circuitry are shut down on the high-to-low
EOC transition. Use the EOC high-to-low transition as the
signal to restart the external clock (SCLK). To read the
Multichannel, 16-Bit, 200ksps Analog-to-Digital
Converters
18
______________________________________________________________________________________
DOUT
CS
SCLK
DIN
DSPR
0
MSB
LSB
MSB
LSB
ADC
STATE
16
24
32
1
8
X
X
X
X
X
X
XX
X = DON
,
T CARE
tACQ
IDLE
tCONV
DSEL
Figure 11. SPI External Clock Mode, 16-Bit Data-Transfer Mode, Conversion Timing (MAX1168 Only)
DOUT
CS
SCLK
DIN
EOC
1
MSB
LSB
LSB
X
tACQ
IDLE
tCONV
POWER-DOWN
ADC
STATE
X = DON
,
T CARE
DSPR = DVDD, DSEL = GND (MAX1168 ONLY)
INTERNAL
CLK
1
8
26
25
16
924
• • •
MSB
Figure 12. SPI Internal Clock Mode, 8-Bit Data-Transfer Mode, Conversion Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com