Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4873MT Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4873MT
Description  Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4873MT Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4873MT Datasheet HTML 9Page - National Semiconductor (TI) LM4873MT Datasheet HTML 10Page - National Semiconductor (TI) LM4873MT Datasheet HTML 11Page - National Semiconductor (TI) LM4873MT Datasheet HTML 12Page - National Semiconductor (TI) LM4873MT Datasheet HTML 13Page - National Semiconductor (TI) LM4873MT Datasheet HTML 14Page - National Semiconductor (TI) LM4873MT Datasheet HTML 15Page - National Semiconductor (TI) LM4873MT Datasheet HTML 16Page - National Semiconductor (TI) LM4873MT Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Application Information (Continued)
CLICK AND POP CIRCUITRY
The LM4873 contains circuitry to minimize turn-on transients
or “clicks and pops”. In this case, turn-on refers to either
power supply turn-on or the device coming out of shutdown
mode. When the device is turning on, the amplifiers are inter-
nally configured as unity gain buffers. An internal current
source ramps up the voltage of the bypass pin. Both the in-
puts and outputs ideally track the voltage at the bypass pin.
The device will remain in buffer mode until the bypass pin
has reached its half supply voltage, 1/2 V
DD. As soon as the
bypass node is stable, the device will become fully opera-
tional, where the gain is set by the external resistors.
Although the bypass pin current source cannot be modified,
the size of C
B can be changed to alter the device turn-on
time and the amount of “clicks and pops”. By increasing
amount of turn-on pop can be reduced. However, the
tradeoff for using a larger bypass capacitor is an increase in
turn-on time for this device. There is a linear relationship be-
tween the size of C
B and the turn-on time. Here are some
typical turn-on times for a given C
B:
C
B
T
ON
0.01 µF
20 ms
0.1 µF
200 ms
0.22 µF
420 ms
0.47 µF
840 ms
1.0 µF
2 Sec
In order eliminate “clicks and pops”, all capacitors must be
discharged before turn-on. Rapid on/off switching of the de-
vice or the shutdown function may cause the “click and pop”
circuitry to not operate fully, resulting in increased “click and
pop” noise. In a single-ended configuration, the output cou-
pling capacitor, C
O, is of particular concern. This capacitor
discharges through the internal 20 k
Ω resistors. Depending
on the size of C
O, the time constant can be relatively large.
To reduce transients in single-ended mode, an external
1k
Ω–5 kΩ resistor can be placed in parallel with the internal
20 k
Ω resistor. The tradeoff for using this resistor is an in-
crease in quiescent current.
The value of C
I will also reflect turn-on pops. Clearly, a cer-
tain size for C
I is needed to couple in low frequencies without
excessive attenuation. But in many cases, the speakers
used in portable systems, whether integral or external, have
little ability to reproduce signals below 100 Hz to 150 Hz. In
this case, using a large input and output capacitor may not
increase system performance. In most cases, choosing a
small value of C
I in the range of 0.1 µF to 0.33 µF), along
with C
B equal to 1.0 µF should produce a virtually clickless
and popless turn-on. In cases where C
I
is larger than
0.33 µF, it may be advantageous to increase the value of C
B.
Again, it should be understood that increasing the value of
C
B will reduce the “clicks and pops” at the expense of a
longer device turn-on time.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com