Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4141 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH4141
Description  Infrared Emitter (940 nm) in Mini Sidelooker Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4141 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH4141 Datasheet HTML 1Page - OSRAM GmbH SFH4141 Datasheet HTML 2Page - OSRAM GmbH SFH4141 Datasheet HTML 3Page - OSRAM GmbH SFH4141 Datasheet HTML 4Page - OSRAM GmbH SFH4141 Datasheet HTML 5Page - OSRAM GmbH SFH4141 Datasheet HTML 6Page - OSRAM GmbH SFH4141 Datasheet HTML 7Page - OSRAM GmbH SFH4141 Datasheet HTML 8Page - OSRAM GmbH SFH4141 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2015-09-10
2
Version 1.1
SFH 4141
Ordering Information
Bestellinformation
Maximum Ratings (T
A = 25 °C)
Grenzwerte
Radiant Intensity
Ordering Code
Strahlstärke
Bestellnummer
I
F = 20 mA, tp = 20 ms
I
e [mW/sr]
35 (≥ 16)
Q65111A6138
Note:
Measured at a solid angle of Ω = 0.01 sr
Anm.:
Gemessen bei einem Raumwinkel Ω = 0.01 sr
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operation and storage temperature range
Betriebs- und Lagertemperatur
Top; Tstg
-40 ... 85
°C
Reverse voltage
Sperrspannung
VR
5
V
Forward current
Durchlassstrom
I
F
60
mA
Surge current
Stoßstrom
(tp ≤ 100 µs, D = 0)
I
FSM
1
A
Total power dissipation
Verlustleistung
Ptot
100
mW
ESD withstand voltage
ESD Festigkeit
(acc. to ANSI/ ESDA/ JEDEC JS-001 - HBM)
VESD
2
kV
Thermal resistance junction - ambient 1) page 9
Wärmewiderstand Sperrschicht - Umgebung
1) Seite 9
R
thJA
350
K / W
Thermal resistance junction - soldering point
Wämewiderstand Sperrschicht - Lötstelle
RthJS
200
K / W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com