Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4558 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH4558
Description  Infrared Emitter (850nm) in SMR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4558 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH4558 Datasheet HTML 1Page - OSRAM GmbH SFH4558 Datasheet HTML 2Page - OSRAM GmbH SFH4558 Datasheet HTML 3Page - OSRAM GmbH SFH4558 Datasheet HTML 4Page - OSRAM GmbH SFH4558 Datasheet HTML 5Page - OSRAM GmbH SFH4558 Datasheet HTML 6Page - OSRAM GmbH SFH4558 Datasheet HTML 7Page - OSRAM GmbH SFH4558 Datasheet HTML 8Page - OSRAM GmbH SFH4558 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2014-12-07
1
2014-12-07
Infrared Emitter (850nm) in SMR® Package
IR-Lumineszenzdiode (850nm) im SMR® Gehäuse
Version 1.0
SFH 4558
Features:
Besondere Merkmale:
•
Wavelength 850nm
•
Wellenlänge 850nm
•
SMR® (Surface Mount Radial) package
•
SMR® (Surface Mount Radial) Gehäuse
•
Same package as photodiode SFH 2500 FA
•
Gehäusegleich mit Fotodiode SFH 2500 FA
•
Short switching times
•
Kurze Schaltzeiten
•
Device with straight leads
•
Bauteil mit geraden Beinchen
Applications
Anwendungen
•
Sensor technology
•
Sensorik
•
Discrete interrupters
•
Diskrete Lichtschranken
•
Discrete optocouplers
•
Diskrete Optokoppler
Notes
Hinweise
Depending on the mode of operation, these devices
emit highly concentrated non visible infrared light
which can be hazardous to the human eye. Products
which incorporate these devices have to follow the
safety precautions given in IEC 60825-1 and IEC
62471.
Je nach Betriebsart emittieren diese Bauteile
hochkonzentrierte, nicht sichtbare
Infrarot-Strahlung, die gefährlich für das
menschliche Auge sein kann. Produkte, die diese
Bauteile enthalten, müssen gemäß den
Sicherheitsrichtlinien der IEC-Normen 60825-1 und
62471 behandelt werden.


Similar Part No. - SFH4558

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4550 OSRAM-SFH4550 Datasheet
249Kb / 7P
High Power Infrared Emitter (850 nm)
SFH4550 OSRAM-SFH4550 Datasheet
146Kb / 8P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4550 OSRAM-SFH4550 Datasheet
394Kb / 9P
Infrared Emitter
SFH4550-EWFW OSRAM-SFH4550-EWFW Datasheet
394Kb / 9P
Infrared Emitter
SFH4550E9548 OSRAM-SFH4550E9548 Datasheet
394Kb / 9P
Infrared Emitter
More results

Similar Description - SFH4558

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
HIRC3020Q13-B20 CTMICRO-HIRC3020Q13-B20 Datasheet
772Kb / 8P
SMD Type 850nm Infrared Emitter
logo
OSRAM GmbH
SFH4542 OSRAM-SFH4542 Datasheet
272Kb / 12P
High Power Infrared Emitter (940nm) in SMR
SFH4543 OSRAM-SFH4543 Datasheet
259Kb / 10P
High Power Infrared Emitter (940nm) in SMR
SFH4551 OSRAM-SFH4551 Datasheet
290Kb / 13P
High Power Infrared Emitter (850nm) in SMR
SFH-4551 OSRAM-SFH-4551 Datasheet
439Kb / 13P
High Power Infrared Emitter (850nm) in SMR짰 Package
logo
CT Micro International ...
HIRP3010Q20-B30 CTMICRO-HIRP3010Q20-B30 Datasheet
965Kb / 8P
SMD Type 850nm Infrared Emitter
HIRP1608Q09-H5 CTMICRO-HIRP1608Q09-H5 Datasheet
869Kb / 9P
SMD Type 850nm Infrared Emitter
HIRP1608W11-B10 CTMICRO-HIRP1608W11-B10 Datasheet
1,001Kb / 9P
SMD Type 850nm Infrared Emitter
HIRP2013X10-B40 CTMICRO-HIRP2013X10-B40 Datasheet
788Kb / 9P
SMD Type 850nm Infrared Emitter
logo
ams AG
SFH4542 AMSCO-SFH4542 Datasheet
1Mb / 17P
High Power Infrared Emitter (940nm) in SMR® Package
Version 1.5 2022-08-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com