Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4713A Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH4713A
Description  OSLON Black Series (850 nm) - 90
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4713A Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH4713A Datasheet HTML 1Page - OSRAM GmbH SFH4713A Datasheet HTML 2Page - OSRAM GmbH SFH4713A Datasheet HTML 3Page - OSRAM GmbH SFH4713A Datasheet HTML 4Page - OSRAM GmbH SFH4713A Datasheet HTML 5Page - OSRAM GmbH SFH4713A Datasheet HTML 6Page - OSRAM GmbH SFH4713A Datasheet HTML 7Page - OSRAM GmbH SFH4713A Datasheet HTML 8Page - OSRAM GmbH SFH4713A Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2016-01-29
1
2016-01-29
OSLON Black Series (850 nm) - 90°
Version 1.2
SFH 4713A
Ordering Information
Features:
•
IR lightsource with high efficiency
•
Low thermal resistance (Max. 18 K/W)
•
Centroid wavelength 850 nm
•
Superior Corrosion Robustness (see chapter package outlines)
Applications
•
Infrared Illumination for cameras
•
Surveillance systems
•
Machine vision systems
•
Eye tracking systems
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Radiant Intensity
Ordering Code
Ie [mW/sr]
IF = 1 A, tp = 10 ms
SFH 4713A
345 (≥ 250)
Q65111A8235
Note:
measured at a solid angle of Ω = 0.01 sr


Similar Part No. - SFH4713A

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4710 OSRAM-SFH4710 Datasheet
308Kb / 12P
OSLON Compact (850nm)
SFH4714A OSRAM-SFH4714A Datasheet
572Kb / 13P
OSLON Black Series (850 nm) - 150
logo
ams AG
SFH4714A AMSCO-SFH4714A Datasheet
1Mb / 19P
OSLON Black Series (850 nm) - 150°
Version 1.5 2022-11-04
SFH4714AR33 AMSCO-SFH4714AR33 Datasheet
1Mb / 19P
OSLON Black Series (850 nm) - 150°
Version 1.5 2022-11-04
logo
OSRAM GmbH
SFH4715 OSRAM-SFH4715 Datasheet
214Kb / 10P
OSLON Black Series (850 nm)
More results

Similar Description - SFH4713A

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4715 OSRAM-SFH4715 Datasheet
214Kb / 10P
OSLON Black Series (850 nm)
SFH4715S OSRAM-SFH4715S Datasheet
229Kb / 10P
OSLON Black Series (850 nm)
SFH4714A OSRAM-SFH4714A Datasheet
572Kb / 13P
OSLON Black Series (850 nm) - 150
SFH4715AS OSRAM-SFH4715AS Datasheet
780Kb / 14P
OSLON Black Series (850 nm) - 90
SFH4716A OSRAM-SFH4716A Datasheet
501Kb / 14P
OSLON Black Series (850 nm) - 150
SFH4716S OSRAM-SFH4716S Datasheet
498Kb / 13P
OSLON Black Series (850 nm) - 150
logo
ams AG
SFH4714A AMSCO-SFH4714A Datasheet
1Mb / 19P
OSLON Black Series (850 nm) - 150°
Version 1.5 2022-11-04
SFH4715 AMSCO-SFH4715 Datasheet
1Mb / 18P
OSLON® Black OSLON Black Series (850 nm) - 90°
Version 1.6 2019-07-16
SFH4718ASA01 AMSCO-SFH4718ASA01 Datasheet
1Mb / 20P
OSLON Black Series (850 nm) - 50°
Version 1.2 2023-02-15
SFH4727S AMSCO-SFH4727S Datasheet
1Mb / 17P
OSLON® Black OSLON Black Series (940 nm) - 50°
Version 1.1 2020-08-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com