Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2154 Datasheet(PDF) 5 Page - International Rectifier

Part # IR2154
Description  SELF-OSCILLATING HALF-BRIDGE DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2154 Datasheet(HTML) 5 Page - International Rectifier

  IR2154 Datasheet HTML 1Page - International Rectifier IR2154 Datasheet HTML 2Page - International Rectifier IR2154 Datasheet HTML 3Page - International Rectifier IR2154 Datasheet HTML 4Page - International Rectifier IR2154 Datasheet HTML 5Page - International Rectifier IR2154 Datasheet HTML 6Page - International Rectifier IR2154 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IR2154
5
Functional Block Diagram
Lead Assignments
8 Lead PDIP
8 Lead SOIC
IR2154
IR2154S
V
B
PULSE
GEN
DELAY
HV
LEVEL
SHIFT
V
CC
PULSE
FILTER
DEAD
TIME
LO
V
S
COM
R
S
Q
15.6V
C
T
R
T
UV
DETECT
R
Q
S
Q
DEAD
TIME
HO
LOGIC
-
-
-
+
+
+
R
R
R/2
R/2
HV
LEVEL
SHIFT
Symbol
Description
VCC
Logic and internal gate drive supply voltage
RT
Oscillator timing resistor input
CT
Oscillator timing capacitor input
COM
IC power and signal ground
LO
Low side gate driver output
VS
High voltage floating supply return
HO
High side gate driver output
VB
High side gate driver floating supply
Lead Definitions



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com