Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4942 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH4942
Description  Infrared Emitter Arrays (940 nm)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4942 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH4942 Datasheet HTML 1Page - OSRAM GmbH SFH4942 Datasheet HTML 2Page - OSRAM GmbH SFH4942 Datasheet HTML 3Page - OSRAM GmbH SFH4942 Datasheet HTML 4Page - OSRAM GmbH SFH4942 Datasheet HTML 5Page - OSRAM GmbH SFH4942 Datasheet HTML 6Page - OSRAM GmbH SFH4942 Datasheet HTML 7Page - OSRAM GmbH SFH4942 Datasheet HTML 8Page - OSRAM GmbH SFH4942 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2015-01-16
1
2015-01-16
Infrared Emitter Arrays (940 nm)
IR-Lumineszenzdioden-Zeilen (940 nm)
Version 1.0
SFH 4942/ 4943/ 4944/ 4945/ 4946/ 4947/ 4948/ 4949/
4940
Features:
Besondere Merkmale:
• Wavelength 950nm
•
Wellenlänge 950nm
• Leadframe arrays, available from 2 to 10 Emitters
per array
•
Zeilenbauform, lieferbar von 2 bis 10 Emitter pro
Zeile
• Short switching times
•
Kurze Schaltzeiten
• Same package dimensions as BPX 80 series
•
gleiche Gehäuseabmaße wie die BPX 80-Serie
• Miniature package
•
Miniatur-Gehäuse
Applications
Anwendungen
• Miniature photointerrupters
•
Miniaturlichtschranken
• Barcode reader
•
Barcode-Leser
• Industrial electronics
•
Industrieelektronik
• For control and drive circuits
•
„Messen/Steuern/Regeln”
• Sensor technology
•
Sensorik
• Speed controller
•
Drehzahlsteuerung
Notes
Hinweise
Depending on the mode of operation, these devices
emit highly concentrated non visible infrared light
which can be hazardous to the human eye. Products
which incorporate these devices have to follow the
safety precautions given in IEC 60825-1 and IEC
62471.
Je nach Betriebsart emittieren diese Bauteile
hochkonzentrierte, nicht sichtbare
Infrarot-Strahlung, die gefährlich für das
menschliche Auge sein kann. Produkte, die diese
Bauteile enthalten, müssen gemäß den
Sicherheitsrichtlinien der IEC-Normen 60825-1 und
62471 behandelt werden.


Similar Part No. - SFH4942

ManufacturerPart #DatasheetDescription
logo
ams AG
SFH4942 AMSCO-SFH4942 Datasheet
1Mb / 14P
Infrared Emitter Arrays (940 nm)
Version 1.3 2023-06-06
More results

Similar Description - SFH4942

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4346 OSRAM-SFH4346 Datasheet
434Kb / 11P
Infrared Emitter (940 nm)
SFH4841E7800 OSRAM-SFH4841E7800 Datasheet
451Kb / 12P
Infrared Emitter (940 nm)
SFH4845 OSRAM-SFH4845 Datasheet
445Kb / 12P
Infrared Emitter (940 nm)
SFH4846 OSRAM-SFH4846 Datasheet
270Kb / 12P
Infrared Emitter (940 nm)
SFH7252 OSRAM-SFH7252 Datasheet
458Kb / 16P
Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
SFH-4940 OSRAM-SFH-4940 Datasheet
440Kb / 10P
Infrared Emitter Arrays (940 nm)
SFH-4941 OSRAM-SFH-4941 Datasheet
384Kb / 10P
Infrared Emitter (940 nm)
SFH-4941-C OSRAM-SFH-4941-C Datasheet
233Kb / 10P
Infrared Emitter (940 nm)
logo
ams AG
SFH4940 AMSCO-SFH4940 Datasheet
1Mb / 16P
Infrared Emitter Arrays (940 nm)
Version 1.3 2023-06-06
SFH4942 AMSCO-SFH4942 Datasheet
1Mb / 14P
Infrared Emitter Arrays (940 nm)
Version 1.3 2023-06-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com