Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH7250 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # SFH7250
Description  Infrared-Emitter (850 nm) and Si-Phototransistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7250 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button SFH7250 Datasheet HTML 6Page - OSRAM GmbH SFH7250 Datasheet HTML 7Page - OSRAM GmbH SFH7250 Datasheet HTML 8Page - OSRAM GmbH SFH7250 Datasheet HTML 9Page - OSRAM GmbH SFH7250 Datasheet HTML 10Page - OSRAM GmbH SFH7250 Datasheet HTML 11Page - OSRAM GmbH SFH7250 Datasheet HTML 12Page - OSRAM GmbH SFH7250 Datasheet HTML 13Page - OSRAM GmbH SFH7250 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2015-01-28
10
Version 1.1
SFH 7250
Collector-Emitter Capacitance 2) page 15
Kollektor-Emitter Kapazität 2) Seite 15
CCE = f(VCE), f = 1 MHz, E = 0, TA = 25°C
Total Power Dissipation
Verlustleistung
Ptot = f(TA)
IRED Radiation Characteristics / Phototransistor Directional Characteristics 2) page 15
IRED Abstrahlcharakteristik / Phototransistor Winkeldiagramm 2) Seite 15
Irel = f(ϕ) / Srel = f(ϕ)
V
OHF01528
CE
-2
10
CE
C
10
-1
10
0
10
1
10
2
0
V
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
5.0
pF
OHF00871
tot
P
0
0
40
80
120
160
mW
200
20
40
60
80 ˚C 100
TA
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
0˚
10˚
20˚
40˚
30˚
OHL01660
50˚
60˚
70˚
80˚
90˚
100˚
0˚
20˚
40˚
60˚
80˚
100˚
120˚



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com