Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2102S Datasheet(PDF) 1 Page - International Rectifier

Part # IR2102S
Description  HIGH AND LOW SIDE DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2102S Datasheet(HTML) 1 Page - International Rectifier

  IR2102S Datasheet HTML 1Page - International Rectifier IR2102S Datasheet HTML 2Page - International Rectifier IR2102S Datasheet HTML 3Page - International Rectifier IR2102S Datasheet HTML 4Page - International Rectifier IR2102S Datasheet HTML 5Page - International Rectifier IR2102S Datasheet HTML 6Page - International Rectifier IR2102S Datasheet HTML 7Page - International Rectifier IR2102S Datasheet HTML 8Page - International Rectifier IR2102S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Preliminary Data Sheet No. PD60043J
Typical Connection
Features
• Floating channel designed for bootstrap operation
Fully operational to +600V
Tolerant to negative transient voltage
dV/dt immune
• Gate drive supply range from 10 to 20V
• Undervoltage lockout
• 5V Schmitt-triggered input logic
• Matched propagation delay for both channels
• Outputs in phase with inputs (IR2101/IR21014) or
out of phase with inputs (IR2102/IR21024)
Description
The IR2101/IR21014/IR2102/IR21024 are high voltage,
high speed power MOSFET and IGBT drivers with in-
dependent high and low side referenced output chan-
nels. Proprietary HVIC and latch immune CMOS tech-
nologies enable ruggedized monolithic construction.The
logic input is compatible with standard CMOS or LSTTL
output. The output drivers feature a high pulse current
buffer stage designed for minimum driver cross-conduc-
tion. The floating channel can be used to drive an N-
channel power MOSFET or IGBT in the high side con-
figuration which operates up to 600 volts.
HIGH AND LOW SIDE DRIVER
Packages
Product Summary
VOFFSET
600V max.
IO+/-
130 mA / 270 mA
VOUT
10 - 20V
ton/off (typ.)
160 & 150 ns
Delay Matching
50 ns
V
CC
V
B
V
S
HO
LO
COM
HIN
LIN
LIN
HIN
up to 600V
TO
LOAD
V
CC
V
CC
V
B
V
S
HO
LO
COM
HIN
LIN
LIN
HIN
up to 600V
TO
LOAD
V
CC
IR2101
IR2102
IR2101/IR21014
IR2102/IR21024
8 Lead SOIC
14 Lead SOIC
14 Lead PDIP
8 Lead PDIP


Similar Part No. - IR2102S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2102S IRF-IR2102S Datasheet
138Kb / 13P
HIGH AND LOW SIDE DRIVER
logo
Infineon Technologies A...
IR2102S INFINEON-IR2102S Datasheet
148Kb / 14P
HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IR2102STRPBF IRF-IR2102STRPBF Datasheet
144Kb / 14P
HIGH AND LOW SIDE DRIVER
More results

Similar Description - IR2102S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS2011PBF IRF-IRS2011PBF Datasheet
338Kb / 19P
HIGH AND LOW SIDE DRIVER
IRS2106 IRF-IRS2106_15 Datasheet
1Mb / 25P
HIGH AND LOW SIDE DRIVER
IRS2181 IRF-IRS2181_15 Datasheet
1Mb / 23P
HIGH AND LOW SIDE DRIVER
IRS2607DSPBF IRF-IRS2607DSPBF_15 Datasheet
833Kb / 28P
HIGH AND LOW SIDE DRIVER
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
High Side and Low Side Driver
logo
Infineon Technologies A...
IR2101 INFINEON-IR2101 Datasheet
148Kb / 14P
HIGH AND LOW SIDE DRIVER
IRS2005PBF INFINEON-IRS2005PBF Datasheet
1Mb / 19P
High and Low Side Driver
April 23, 2020
IRS2101PBF INFINEON-IRS2101PBF Datasheet
1Mb / 15P
HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60250
logo
Shenzhen Huazhimei Semi...
HM2101 HMSEMI-HM2101 Datasheet
385Kb / 5P
High and Low Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com