Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2167 Datasheet(PDF) 2 Page - International Rectifier

Part # IR2167
Description  PFC BALLAST CONTROL IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2167 Datasheet(HTML) 2 Page - International Rectifier

  IR2167 Datasheet HTML 1Page - International Rectifier IR2167 Datasheet HTML 2Page - International Rectifier IR2167 Datasheet HTML 3Page - International Rectifier IR2167 Datasheet HTML 4Page - International Rectifier IR2167 Datasheet HTML 5Page - International Rectifier IR2167 Datasheet HTML 6Page - International Rectifier IR2167 Datasheet HTML 7Page - International Rectifier IR2167 Datasheet HTML 8Page - International Rectifier IR2167 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
IR2167(S)
2
www.irf.com
Symbol
Definition
Min.
Max.
Units
VB
High side floating supply voltage
-0.3
625
VS
High side floating supply offset voltage
VB - 25
VB + 0.3
VHO
High side floating output voltage
VS - 0.3
VB + 0.3
VLO
Low side output voltage
-0.3
VCC + 0.3
VPFC
PFC gate driver output voltage
-0.3
VCC + 0.3
IOMAX
Max. allowable output current (HO,LO,PFC) due to external
power transistor miller effect
-500
500
IRT
RT pin current
-5
5
VCT
CT pin voltage
-0.3
6.5
VDC
VDC pin voltage
-0.3
VCC + 0.3
ICPH
CPH pin current
-5
5
IRPH
RPH pin current
-5
5
IRUN
RUN pin current
-5
5
IDT
Deadtime pin current
-5
5
VCS
Current sense pin voltage
-0.3
6.5
V
ICS
Current sense pin current
-5
5
IOC
Over-current threshold pin current
-5
5
ISD
Shutdown pin current
-5
5
VBUS
DC bus sensing input voltage
-0.3
VCC
V
IZX
PFC inductor current, zero crossing detection input
-5
5
ICOMP
PFC error amplifier compensation current
-5
5
ICC
Supply current (note 1)
-20
20
dV/dt
Allowable offset supply voltage slew ratet
-50
50
V/ns
PD
Package power dissipation @ TA ≤ +25°C
(20 lead PDIP)
—
1.50
(20 lead SOIC)
—
1.25
RthJA
Thermal resistance, junction to ambient
(20 lead PDIP)
—
85
(20 lead SOIC)
—
90
TJ
Junction temperature
-55
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
—
300
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage param-
eters are absolute voltages referenced to COM, all currents are defined positive into any lead. The thermal resistance
and power dissipation ratings are measured under board mounted and still air conditions.
V
°C/W
W
°C
mA
V
mA
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com