Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD41C Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJD41C
Description  Complementary Power Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD41C Datasheet(HTML) 4 Page - ON Semiconductor

  MJD41C Datasheet HTML 1Page - ON Semiconductor MJD41C Datasheet HTML 2Page - ON Semiconductor MJD41C Datasheet HTML 3Page - ON Semiconductor MJD41C Datasheet HTML 4Page - ON Semiconductor MJD41C Datasheet HTML 5Page - ON Semiconductor MJD41C Datasheet HTML 6Page - ON Semiconductor MJD41C Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MJD41C (NPN), MJD42C (PNP)
www.onsemi.com
4
TYPICAL CHARACTERISTICS
6
IC, COLLECTOR CURRENT (AMP)
0.1
5
3
2
1
0.7
0.5
0.3
0.2
0.06
0.2
0.4
4
1
0.1
0.6
2
Figure 7. Collector Emitter Saturation Voltage
vs. Collector Current
Figure 8. Turn−Off Time
0.07
0.05
IC, COLLECTOR CURRENT (A)
10
1
0.1
0.01
0
0.1
0.2
0.3
0.6
0.7
0.9
0.4
0.5
0.8
1.0
IC/IB = 10
TA = 150°C
80
°C
25
°C
−40
°C
and −55
°C
ts
tf
TJ = 25°C
VCC = 30 V
IC/IB = 10
IB1 = IB2
t, TIME (ms)
0.01
0.01
0.05
1
2
5
10
20
50
100
200
500
0.1
0.5
0.2
1000
0.03
0.3
3
30
300
0.02
2.5 A
Figure 9. Collector Saturation Region
IB, BASE CURRENT (mA)
1.2
0.4
0
10
2
0.8
TJ = 25°C
1.6
IC = 1 A
Figure 10. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
Cob
0.5
50
2
5
20
50
1
0.2
0.1
0.05
RqJC(t) = r(t) RqJC
RqJC = 6.25°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) qJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.2
SINGLE PULSE
Figure 11. Thermal Response
0.5
D = 0.5
5 A
1000
500
300
200
100
50
30
20
300
30
70
100
200
1
3
10
30
0.05
0.3
0.7
0.07
0.03
0.02
0.1
0.02
0.01
TJ = 25°C
Cib



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com