Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP53 Datasheet(PDF) 1 Page - ON Semiconductor

Part # BCP53
Description  PNP Silicon Epitaxial Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCP53 Datasheet(HTML) 1 Page - ON Semiconductor

  BCP53 Datasheet HTML 1Page - ON Semiconductor BCP53 Datasheet HTML 2Page - ON Semiconductor BCP53 Datasheet HTML 3Page - ON Semiconductor BCP53 Datasheet HTML 4Page - ON Semiconductor BCP53 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2015
December, 2015 − Rev. 12
1
Publication Order Number:
BCP53T1/D
BCP53 Series
PNP Silicon
Epitaxial Transistors
This PNP Silicon Epitaxial transistor is designed for use in audio
amplifier applications. The device is housed in the SOT−223 package
which is designed for medium power surface mount applications.
• High Current
• NPN Complement is BCP56
• The SOT−223 Package can be soldered using wave or reflow.
The formed leads absorb thermal stress during soldering, eliminating
the possibility of damage to the die
• Device Marking:
BCP53T1G = AH
BCP53−10T1G = AH−10
BCP53−16T1G = AH−16
• S and NSV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
−80
Vdc
Collector−Base Voltage
VCBO
−100
Vdc
Emitter−Base Voltage
VEBO
−5.0
Vdc
Collector Current
IC
1.5
Adc
Total Power Dissipation
@ TA = 25°C (Note 1)
Derate above 25
°C
PD
1.5
12
W
mW/
°C
Operating and Storage
Temperature Range
TJ, Tstg
−65 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Device mounted on a glass epoxy printed circuit board 1.575 in. x 1.575 in.
x 0.059 in.; mounting pad for the collector lead min. 0.93 sq. in.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient
(Surface Mounted)
RqJA
83.3
°C/W
Lead Temperature for Soldering,
0.0625
″ from case
Time in Solder Bath
TL
260
10
°C
s
Device
Package
Shipping†
ORDERING INFORMATION
SOT−223
CASE 318E
STYLE 1
MEDIUM POWER HIGH
CURRENT SURFACE MOUNT
PNP TRANSISTORS
MARKING DIAGRAM
BCP53T1G
SOT−223
(Pb−Free)
1000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
www.onsemi.com
BCP53−16T1G
SOT−223
(Pb−Free)
1000/Tape & Reel
BCP53−10T1G
SOT−223
(Pb−Free)
1000/Tape & Reel
BCP53−16T3G
SOT−223
(Pb−Free)
4000/Tape & Reel
1
A
= Assembly Location
Y
= Year
W
= Work Week
XXXXX = Specific Device Code
G
= Pb−Free Package
AYW
XXXXX
G
G
(Note: Microdot may be in either location)
SBCP53−16T1G
SOT−223
(Pb−Free)
1000/Tape & Reel
SBCP53−10T1G
SOT−223
(Pb−Free)
1000/Tape & Reel
SBCP53−10T1G
SOT−223
(Pb−Free)
1000/Tape & Reel
1
BASE
EMITTER 3
COLLECTOR 2, 4
1
2
4
3
NSVBCP53−16T3G SOT−223
(Pb−Free)
4000/Tape & Reel


Similar Part No. - BCP53

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP53 PHILIPS-BCP53 Datasheet
44Kb / 8P
PNP medium power transistors
1999 Apr 08
logo
STMicroelectronics
BCP53 STMICROELECTRONICS-BCP53 Datasheet
71Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1997
logo
Zetex Semiconductors
BCP53 ZETEX-BCP53 Datasheet
42Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCP53 SIEMENS-BCP53 Datasheet
140Kb / 5P
PNP Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Fairchild Semiconductor
BCP53 FAIRCHILD-BCP53 Datasheet
191Kb / 6P
PNP General Purpose Amplifier
More results

Similar Description - BCP53

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SB1197 MCC-2SB1197 Datasheet
70Kb / 2P
PNP Silicon Epitaxial Transistors
2SA1213-O MCC-2SA1213-O Datasheet
480Kb / 4P
PNP Silicon Epitaxial Transistors
2SB1386-P MCC-2SB1386-P Datasheet
376Kb / 4P
PNP Silicon Epitaxial Transistors
logo
ON Semiconductor
BCP53-16T1G ONSEMI-BCP53-16T1G Datasheet
141Kb / 5P
PNP Silicon Epitaxial Transistors
November, 2011 ??Rev. 8
BCP53T1G ONSEMI-BCP53T1G Datasheet
141Kb / 5P
PNP Silicon Epitaxial Transistors
November, 2011 ??Rev. 8
BCP53-16T3G ONSEMI-BCP53-16T3G Datasheet
100Kb / 5P
PNP Silicon Epitaxial Transistors
February, 2011 ??Rev. 3
SBCP53T1G ONSEMI-SBCP53T1G Datasheet
85Kb / 5P
PNP Silicon Epitaxial Transistors
September, 2013 ??Rev. 10
logo
Micro Commercial Compon...
2SA1464-P MCC-2SA1464-P Datasheet
627Kb / 4P
PNP Silicon Epitaxial Transistors
2SB1182-P MCC-2SB1182-P_13 Datasheet
509Kb / 4P
PNP Silicon Epitaxial Transistors
logo
FutureWafer Tech Co.,Lt...
BCP69 FUTUREWAFER-BCP69 Datasheet
1Mb / 9P
PNP Silicon Epitaxial Transistors
24-NOV-2021 V 2.1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com