Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL28SRC01 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SL28SRC01
Description  One100-MHz differential SRC clocks
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28SRC01 Datasheet(HTML) 5 Page - Silicon Laboratories

  SL28SRC01 Datasheet HTML 1Page - Silicon Laboratories SL28SRC01 Datasheet HTML 2Page - Silicon Laboratories SL28SRC01 Datasheet HTML 3Page - Silicon Laboratories SL28SRC01 Datasheet HTML 4Page - Silicon Laboratories SL28SRC01 Datasheet HTML 5Page - Silicon Laboratories SL28SRC01 Datasheet HTML 6Page - Silicon Laboratories SL28SRC01 Datasheet HTML 7Page - Silicon Laboratories SL28SRC01 Datasheet HTML 8Page - Silicon Laboratories SL28SRC01 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SL28SRC01
DOC#: SP-AP-0015 (Rev. 0.2)
Page 5 of 11
AC Electrical Specifications
Parameter
Description
Condition
Min.
Max.
Unit
Crystal
TDC
XIN Duty Cycle
The device operates reliably with input
duty cycles up to 30/70 but the REF clock
duty cycle will not be within specification
47.5
52.5
%
TPERIOD
XIN Period
When XIN is driven from an external
clock source
69.841
71.0
ns
TR/TF
XIN Rise and Fall Times
Measured between 0.3VDD and 0.7VDD
–10.0
ns
TCCJ
XIN Cycle to Cycle Jitter
As an average over 1-
s duration
500
ps
LACC
Long-term Accuracy
Measured at VDD/2 differential
250
ppm
Clock Input
TDC
CLKIN Duty Cycle
Measured at VDD/2
47
53
%
TR/TF
CLKIN Rise and Fall Times
Measured between 0.2VDD and 0.8VDD
0.5
4.0
V/ns
TCCJ
CLKIN Cycle to Cycle Jitter
Measured at VDD/2
250
ps
TLTJ
CLKIN Long Term Jitter
Measured at VDD/2
350
ps
VIL
Input Low Voltage
XIN / CLKIN pin
0.8
V
VIH
Input High Voltage
XIN / CLKIN pin
2
VDD+0.3
V
IIL
Input LowCurrent
XIN / CLKIN pin, 0 < VIN <0.8
20
uA
IIH
Input HighCurrent
XIN / CLKIN pin, VIN = VDD
35
uA
SRC
TDC
SRC Duty Cycle
Measured at 0V differential
45
55
%
TPERIOD
100 MHz SRC Period
Measured at 0V differential at 0.1s
9.99900
10.0010
ns
TPERIODSS
100 MHz SRC Period, SSC
Measured at 0V differential at 0.1s
10.02406
10.02607
ns
TPERIODAbs
100 MHz SRC Absolute Period
Measured at 0V differential at 1 clock
9.87400
10.1260
ns
TPERIODSSAbs 100 MHz SRC Absolute Period, SSC
Measured at 0V differential at 1 clock
9.87406
10.1762
ns
TCCJ
SRC Cycle to Cycle Jitter
Measured at 0V differential
50
ps
RMSGEN1
Output PCIe* Gen1 REFCLK phase
jitter
BER = 1E-12 (including PLL BW 8 - 16
MHz, ζ = 0.54, Td=10 ns,
Ftrk=1.5 MHz)
0108
ps
RMSGEN2
Output PCIe* Gen2 REFCLK phase
jitter
Includes PLL BW 8 - 16 MHz, Jitter
Peaking = 3dB, ζ = 0.54, Td=10 ns),
Low Band, F < 1.5MHz
03.0
ps
RMSGEN2
Output PCIe* Gen2 REFCLK phase
jitter
Includes PLL BW 8 - 16 MHz, Jitter
Peaking = 3dB, ζ = 0.54, Td=10 ns),
Low Band, F < 1.5MHz
03.1
ps
RMSGEN3
Output phase jitter impact – PCIe*
Gen3
Includes PLL BW 2 - 4 MHz,
CDR = 10MHz)
01.0
ps
LACC
SRC Long Term Accuracy
Measured at 0V differential
100
ppm
TR / TF
SRC Rising/Falling Slew Rate
Measured differentially from ±150 mV
2.5
8
V/ns
TRFM
Rise/Fall Matching
Measured single-endedly from ±75 mV
20
%
VHIGH
Voltage High
1.15
V
VLOW
Voltage Low
–0.3
V
VOX
Crossing Point Voltage at 0.7V Swing
300
550
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com