Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6215 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF6215
Description  HEXFET Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6215 Datasheet(HTML) 2 Page - International Rectifier

  IRF6215 Datasheet HTML 1Page - International Rectifier IRF6215 Datasheet HTML 2Page - International Rectifier IRF6215 Datasheet HTML 3Page - International Rectifier IRF6215 Datasheet HTML 4Page - International Rectifier IRF6215 Datasheet HTML 5Page - International Rectifier IRF6215 Datasheet HTML 6Page - International Rectifier IRF6215 Datasheet HTML 7Page - International Rectifier IRF6215 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF6215
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
-1.6
V
TJ = 25°C, IS = -6.6A, VGS = 0V
„
trr
Reverse Recovery Time
–––
160
240
ns
TJ = 25°C, IF = -6.6A
Qrr
Reverse RecoveryCharge
–––
1.2
1.7
µC
di/dt = -100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ ISD ≤ -6.6A, di/dt ≤ -620A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
Notes:
‚ Starting T
J = 25°C, L = 14mH
RG = 25Ω, IAS = -6.6A. (See Figure 12)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Source-Drain Ratings and Characteristics
A
S
D
G
-13
-44
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
RDS(on)
Static Drain-to-Source On-Resistance
IGSS
nH
LS
Internal Source Inductance
–––
7.5
–––
LD
Internal Drain Inductance
–––
4.5
–––
IDSS
Drain-to-Source Leakage Current
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-150
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
-0.20 –––
V/°C
Reference to 25°C, ID = 1mA
–––
–––
0.29
VGS = -10V, ID = -6.6A
„, TJ = 25°C
–––
–––
0.58
Ω
VGS = -10V, ID = -6.6A
„, TJ = 150°C
VGS(th)
Gate Threshold Voltage
-2.0
–––
-4.0
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
3.6
–––
–––
S
VDS = -50V, ID = -6.6A
–––
–––
-25
µA
VDS = -150V, VGS = 0V
–––
–––
-250
VDS = -120V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -20V
Qg
Total Gate Charge
–––
–––
66
ID = -6.6A
Qgs
Gate-to-Source Charge
–––
–––
8.1
nC
VDS = -120V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
35
VGS = -10V, See Fig. 6 and 13
„
td(on)
Turn-On Delay Time
–––
14
–––
VDD = -75V
tr
Rise Time
–––
36
–––
ns
ID = -6.6A
td(off)
Turn-Off Delay Time
–––
53
–––
RG = 6.8Ω
tf
Fall Time
–––
37
–––
RD = 12Ω, See Fig. 10
Between lead,
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
860
–––
VGS = 0V
Coss
Output Capacitance
–––
220
–––
pF
VDS = -25V
Crss
Reverse Transfer Capacitance
–––
130
–––
ƒ = 1.0MHz, See Fig. 5
S
D
G



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com