Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IVR3K42 Datasheet(PDF) 2 Page - Aplus Intergrated Circuits

Part # IVR3K42
Description  Data Sheet
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

IVR3K42 Datasheet(HTML) 2 Page - Aplus Intergrated Circuits

  IVR3K42 Datasheet HTML 1Page - Aplus Intergrated Circuits IVR3K42 Datasheet HTML 2Page - Aplus Intergrated Circuits IVR3K42 Datasheet HTML 3Page - Aplus Intergrated Circuits IVR3K42 Datasheet HTML 4Page - Aplus Intergrated Circuits IVR3K42 Datasheet HTML 5Page - Aplus Intergrated Circuits IVR3K42 Datasheet HTML 6Page - Aplus Intergrated Circuits IVR3K42 Datasheet HTML 7Page - Aplus Intergrated Circuits IVR3K42 Datasheet HTML 8Page - Aplus Intergrated Circuits IVR3K42 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Integrated Circuits Inc.
aIVR3K Series
Mar 27, 2012
3
FEATURES
Embedded OTP memory and 8-bit MCU
Built-in oscillator and Power On Reset circuits to reduce external components.
2.2V – 3.6V single power supply and < 5uA low stand-by current.
10, 21 and 42sec voice duration at 6 KHz sampling with 4-bit ADPCM compression.
Combination of voice building blocks to extend playback duration.
Table entries are available for voice block combinations.
User selectable PCM or ADPCM data compress.
Voice Group Trigger Options: Edge / Level; Hold / Un-hold; Retrigger / Non-retrigger.
Programmable I/Os, Timer Interrupt and Watch Dog Timer.
PWM Vout1 and Vout2 drive speaker directly with 2 levels volume control.
D/A COUT with ramp-up ramp-down option to drive speaker through an external BJT.
Windows based development system and USB programmer support.
DESCRIPTION
Aplus’ aIVR3K is a 8-bit CPU based Voice chip series. It is fabricated with Standard CMOS
process with embedded voice storage OTP memory. It can store from 10 to 42sec voice message
with 4-bit ADPCM compression at 6KHz sampling rate.
8-bit PCM is also available as user
selectable option to improve sound quality.
Depending on IC body, there are up to eight
programmable I/O pins. Key trigger and Parallel CPU trigger mode can be configured according to
different application requirements. User selectable triggering and output signal options provide
maximum flexibility to various applications. Fully integrated system oscillator, power-on reset, 8-
bit current mode D/A output and PWM direct speaker driving output to minimize external
components count. Two level volume control for PWM direct speaker driving output.
Part Number
Duration
Programmable IO
aIVR3K10
10 sec
4
aIVR3K21
21 sec
4
aIVR3K42
42 sec
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com