Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IVR341N Datasheet(PDF) 2 Page - Aplus Intergrated Circuits

Part # IVR341N
Description  Data Sheet
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

IVR341N Datasheet(HTML) 2 Page - Aplus Intergrated Circuits

  IVR341N Datasheet HTML 1Page - Aplus Intergrated Circuits IVR341N Datasheet HTML 2Page - Aplus Intergrated Circuits IVR341N Datasheet HTML 3Page - Aplus Intergrated Circuits IVR341N Datasheet HTML 4Page - Aplus Intergrated Circuits IVR341N Datasheet HTML 5Page - Aplus Intergrated Circuits IVR341N Datasheet HTML 6Page - Aplus Intergrated Circuits IVR341N Datasheet HTML 7Page - Aplus Intergrated Circuits IVR341N Datasheet HTML 8Page - Aplus Intergrated Circuits IVR341N Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Integrated Circuits Inc.
aIVR341N
July 30, 2013
3
FEATURES
Standard CMOS process.
Embedded EPROM.
Embedded 8-bit MCU.
341sec voice duration at 6 KHz sampling with 4-bit ADPCM compression.
Combination of voice building blocks to extend playback duration.
Table entries are available for voice block combinations.
User selectable PCM or ADPCM data compress.
Voice Group Trigger Options: Edge / Level; Hold / Un-hold; Retrigger / Non-retrigger.
Programmable I/Os, Timer Interrupt and Watch Dog Timer.
Built-in oscillator with fixed Rosc, software control sampling frequency
2.4V – 3.6V single power supply and < 5uA low stand-by current.
PWM Vout1 and Vout2 drive speaker directly.
D/A COUT with ramp-up ramp-down option to drive speaker through an external BJT.
Volume control.
Maximum 9-bit resolution.
Internal Power-up reset circuit built-in; RSTB provides external controlled reset to the chip.
DESCRIPTION
Aplus’ aIVR341N is a 8-bit MCU based Voice chip. It is fabricated with Standard CMOS process
with embedded voice storage memory. It can store 341sec voice message with 4-bit ADPCM
compression at 6KHz sampling rate. 8-bit PCM is also available as user selectable option to improve
sound quality. There are upto fifteen programmable I/O pins. Key trigger and Parallel CPU trigger
mode can be configured according to different application requirement. User selectable triggering and
output signal options provide maximum flexibility to various applications. Built-in resistor controlled
oscillator, 9-bit resolution current mode D/A output and PWM direct speaker driving minimize the
number of external components. Volume control for both DAC and VOUT output is available.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com