Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOS008 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FOS008
Description  High Port Count
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FOS008 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FOS008 Datasheet HTML 1Page - List of Unclassifed Manufacturers FOS008 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FIBER OPTIC SWITCH
www.lunainc.com
3157 State Street | Blacksburg, VA 24060
solutions@lunainc.com
Support phone: 1.866.586.2682
PARAMETER
TYP
MAX
UNITS
Insertion Loss
1.2
1.5
dB
Wavelength Dependent Loss
1
0.2
0.3
dB
PDL
0.1
0.15
dB
Repeatability
2
0.02
0.04
dB
Return Loss
-50
dB
Crosstalk
-50
dB
Switching Time
30
ms
Port Count
1x8 or 1x36
Wavelength Range
1290-1330 & 1530-1610
nm
Fiber and Connector type
SM FC/APC
Interface
USB 2.0
Operating Temperature
5
70
C
Storage Temperature
-40
85
C
Chassis Description
Standard 2U 19” Rackmount (1x36)
4.75”x10.25”x10.4” Benchtop (1x8)
KEY FEATURES AND PRODUCT HIGHLIGHTS
High Port Count
Rapid Switching Time at 30 ms
Low Insertion Loss (< 1.5 dB)
Low Wavelength Dependent Loss (< 0.3 dB)
O, C and L band operation
USB 2.0 Interface
Luna’s Fiber Optic Switches (FOS) 008 and 036 are
cost-effective 1xN optical switches with impressive
performance and flexibility. With low insertion loss,
low wavelength dependent loss and flexible port
count, manufacturers can perform high-port count
optical test and measurement including DWDM
channel testing and multiplexed optical sensing with
reduced time and cost. The FOS can be integrated
with Luna’s other industry-leading test and
measurement products to enable scalable integrated
testing for the manufacturing floor. Luna’s FOS is the
only switch certified and tested to be fully
specification compatible with our award-winning line
of fiber test products. Not all fiber switches are the
same. Rely on our experience.
FIBER OPTIC SWITCHES (FOS) 008 AND 036 PRODUCT SPECIFICATIONS
1
Measured over +/- 20 nm range
2
IL repeatability over 100 cycles


Similar Part No. - FOS008

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FOSMF PANDUIT-FOSMF Datasheet
111Kb / 2P
Opticom Splice Modules, Trays, and Holders
FOSMH1U PANDUIT-FOSMH1U Datasheet
111Kb / 2P
Opticom Splice Modules, Trays, and Holders
FOSMH2U PANDUIT-FOSMH2U Datasheet
111Kb / 2P
Opticom Splice Modules, Trays, and Holders
FOSMH4U PANDUIT-FOSMH4U Datasheet
111Kb / 2P
Opticom Splice Modules, Trays, and Holders
FOSMM PANDUIT-FOSMM Datasheet
111Kb / 2P
Opticom Splice Modules, Trays, and Holders
More results

Similar Description - FOS008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES51986 ETC1-ES51986 Datasheet
286Kb / 23P
6000 COUNT AUTO DMM
logo
Sipex Corporation
SP1204 SIPEX-SP1204 Datasheet
379Kb / 4P
Component count summary
logo
Cyrustek corporation
ES51985 CYRUSTEK-ES51985 Datasheet
286Kb / 21P
6000 Count AUTO DMM
ES51986 CYRUSTEK-ES51986 Datasheet
293Kb / 23P
6000 Count AUTO DMM
ES51986 CYRUSTEK-ES51986_11 Datasheet
616Kb / 23P
6000 Count AUTO DMM
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1912 AVAGO-ALM-1912 Datasheet
823Kb / 17P
Low external component count
ALM-2506 AVAGO-ALM-2506 Datasheet
128Kb / 9P
Low component count
logo
STMicroelectronics
STEVAL-ILL044V1 STMICROELECTRONICS-STEVAL-ILL044V1 Datasheet
192Kb / 4P
Low component count
29-Jun-2012
logo
Renesas Technology Corp
ISL3293E RENESAS-ISL3293E Datasheet
986Kb / 17P
High node count systems
logo
Broadcom Corporation.
9380-8I8E BOARDCOM-9380-8I8E Datasheet
142Kb / 2P
High Port Count 12 Gb/s PCI Express SATA SAS RAID Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com