Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHNJ57230 Datasheet(PDF) 1 Page - International Rectifier

Part # IRHNJ57230
Description  RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHNJ57230 Datasheet(HTML) 1 Page - International Rectifier

  IRHNJ57230 Datasheet HTML 1Page - International Rectifier IRHNJ57230 Datasheet HTML 2Page - International Rectifier IRHNJ57230 Datasheet HTML 3Page - International Rectifier IRHNJ57230 Datasheet HTML 4Page - International Rectifier IRHNJ57230 Datasheet HTML 5Page - International Rectifier IRHNJ57230 Datasheet HTML 6Page - International Rectifier IRHNJ57230 Datasheet HTML 7Page - International Rectifier IRHNJ57230 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 12V, TC = 25°C
Continuous Drain Current
13
ID @ VGS = 12V, TC = 100°C Continuous Drain Current
8.2
IDM
Pulsed Drain Current ➀
52
PD @ TC = 25°C
Max. Power Dissipation
75
W
Linear Derating Factor
0.6
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
60
mJ
IAR
Avalanche Current ➀
13
A
EAR
Repetitive Avalanche Energy ➀
7.5
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
4.4
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Pckg. Mounting Surface Temp.
300 ( for 5s )
Weight
1.0 ( Typical )
g
Pre-Irradiation
International Rectifier’s R5TM technology provides
high performance power MOSFETs for space appli-
cations. These devices have been characterized for
Single Event Effects (SEE) with useful performance
up to an LET of 80 (MeV/(mg/cm2)). The combination
of low Rdson and low gate charge reduces the power
losses in switching applications such as DC to DC
converters and motor control. These devices retain
all of the well established advantages of MOSFETs
such as voltage control, fast switching, ease of paral-
leling and temperature stability of electrical param-
eters.
oC
A
RADIATION HARDENED
IRHNJ57230
POWER MOSFET
SURFACE MOUNT (SMD-0.5)
07/22/02
www.irf.com
1
200V, N-CHANNEL
c
TECHNOLOGY
Product Summary
Part Number Radiation Level
RDS(on)
ID
IRHNJ57230
100K Rads (Si)
0.20
Ω
13A
IRHNJ53230
300K Rads (Si)
0.20
Ω
13A
IRHNJ54230
600K Rads (Si)
0.20
Ω
13A
IRHNJ58230
1000K Rads (Si)
0.25
Ω
13A
Features:
n Single Event Effect (SEE) Hardened
n Ultra low RDS(on)
n Low Total Gate Charge
n Proton Tolerant
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Surface Mount
n Ceramic Package
n Light Weight
For footnotes refer to the last page
4
4#
SMD-0.5
PD - 93753A


Similar Part No. - IRHNJ57230

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNJ57230SE IRF-IRHNJ57230SE Datasheet
125Kb / 8P
RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ57230SE IRF-IRHNJ57230SE Datasheet
131Kb / 8P
Simple Drive Requirements
IRHNJ57230SE IRF-IRHNJ57230SE_15 Datasheet
131Kb / 8P
Simple Drive Requirements
More results

Similar Description - IRHNJ57230

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNJ57130 IRF-IRHNJ57130 Datasheet
130Kb / 8P
RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ597130 IRF-IRHNJ597130 Datasheet
122Kb / 8P
RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ9130 IRF-IRHNJ9130 Datasheet
126Kb / 8P
RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ67134 IRF-IRHNJ67134 Datasheet
193Kb / 8P
RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-0.5)
IRHNJ7430SE IRF-IRHNJ7430SE Datasheet
122Kb / 8P
RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ67230 IRF-IRHNJ67230 Datasheet
144Kb / 8P
RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-0.5)
IRHNJ7230 IRF-IRHNJ7230 Datasheet
129Kb / 8P
RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ7330SE IRF-IRHNJ7330SE Datasheet
114Kb / 8P
RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ57133SE IRF-IRHNJ57133SE Datasheet
178Kb / 8P
RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ57230SE IRF-IRHNJ57230SE Datasheet
125Kb / 8P
RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com