Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4761 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH4761
Description  OSRAM OSTAR Observation (850nm)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4761 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH4761 Datasheet HTML 1Page - OSRAM GmbH SFH4761 Datasheet HTML 2Page - OSRAM GmbH SFH4761 Datasheet HTML 3Page - OSRAM GmbH SFH4761 Datasheet HTML 4Page - OSRAM GmbH SFH4761 Datasheet HTML 5Page - OSRAM GmbH SFH4761 Datasheet HTML 6Page - OSRAM GmbH SFH4761 Datasheet HTML 7Page - OSRAM GmbH SFH4761 Datasheet HTML 8Page - OSRAM GmbH SFH4761 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Version 1.0
SFH 4761
2010-12-15
5
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f(TB), RthJB = 2.8 K / W
Forward Current
Durchlassstrom
IF = f(VF), single pulse, tp = 100 µs, TB= 25°C
Permissible Pulse Handling Capability
Zulässige Pulsbelastbarkeit
IF = f(tp), TB = 85 °C, duty cycle D = parameter
Typical Thermistor Graph
Typische Thermistor Kennlinie
www.epcos.com
140
100
80
60
40
20
˚C
0
T
B
100
0
200
400
300
500
700
600
800
F
I
900
mA
1100
OHF04318
OHF04319
F
I
V
A
10
F
V
10
-1
5
10
0
5
10
1
10
-2
15
20
25
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHF04317
T
t
P
I
F
0.5
0.33
0.1
0.2
0.05
0.005
0.01
0.02
D =
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.5
1
-60
˚C
T
R
Ω
OHL02893
NTC
-20
20
60
100
160
2
10
10
3
5
5
4
10
10
5
5
6
10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com