Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4004A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SC4004A
Description  LCD MODULES 40 CHARACTERS x 4 LINES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC4004A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SC4004A Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C
C
C
o
o
o
LCD MODULES
SC4004A ( 40 CHARACTERS x 4 LINES )
FEATURES
ELECTRICAL CHARACTERISTICS
5 x 7 DOTS WITH CURSOR
ITEM
SYMBOL
CONDITION
MIN. TYP. MAX. UNIT
BUILT-IN CONTROLLER (KS0066 OR EQUIVALENT)
LCD Operating
T=0
-
4.8
-
V
5 V POWER SUPPLY
Voltage
VDD-VO
T=25
-
4.5
-
V
1/16 DUTY CYCLE
T=50
-
4.2
-
V
4.2 V LED FORWARD VOLTAGE
Supply Voltage
VDD-VSS
-
4.7
5
5.3
V
Supply Current
IDD
-
-
5.2
10.8
mA
Input
"HIGH" Level
VIH
-
2.2
-
VDD
V
Voltage
"LOW" Level
VIL
-
0-
0.6
V
MECHANICAL DATA
Output
"HIGH" Level
VOH
-
2.4
-
-
V
ITEM
DIMENSIONS
UNIT
Voltage
"LOW" Level
VOL
-
--
0.4
V
Module Size (W x H x T)
190.0 x 54.0 x 8.8 ( 13.0 LED )
mm
Viewing Area ( W x H )
149.0 x 29.5
mm
BLOCK DIAGRAM
Character Size ( W x H )
2.78 x 4.89
mm
Character Pitch (W x H)
3.53 x 6.09
mm
DotSize(WxH)
0.50 x0.55
mm
Dot Pitch ( W x H )
0.57 x 0.62
mm
INTERFACE PIN CONNECTIONS
NO.
SYMBOL
NO. SYMBOL
FUNCTION
1
DB7
9
E1
Enable IC1
2
DB6
10
R/W
Read/Write
3
DB5
11
RS
Register Select
4
DB4
12
Vo
Contrast Adj.
5
DB3
13
VSS
Supply Ground
6
DB2
14
VDD
Supply Voltage
7
DB1
15
E2
Enable IC2
8
DB0
16
NC
No Control
EXTERNAL DIMENSIONS
Data Bit 0
Data Bit 7
Data Bit 6
Data Bit 5
Data Bit 4
FUNCTION
Data Bit 3
Data Bit 2
Data Bit 1
LCD
CONTROLL ER
LCD PANEL
LCD SEGMENT
DRI V ER
LED BACKL IGHT
DB0
DB7
RS
R/ W
Vo
VDD
Vs s
A
K
LSI *2
E1
E2
COM32
SEG 80
SEG 320
*4
8


Similar Part No. - SC4004A

ManufacturerPart #DatasheetDescription
logo
DB Unlimited.
SC400408-1 DBUNLIMITED-SC400408-1 Datasheet
691Kb / 1P
Released from Engineering
SC400408-2 DBUNLIMITED-SC400408-2 Datasheet
804Kb / 1P
Released from Engineering
logo
List of Unclassifed Man...
SC4004B ETC1-SC4004B Datasheet
72Kb / 1P
40 CHARACTERS x 4 LINES
More results

Similar Description - SC4004A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC0802D ETC-SC0802D Datasheet
117Kb / 1P
8 CHARACTERS x 2 LINES LCD MODULES
SC0802E ETC-SC0802E Datasheet
113Kb / 1P
8 CHARACTERS x 2 LINES LCD MODULES
SC0802A ETC-SC0802A Datasheet
77Kb / 1P
LCD MODULES 8 CHARACTERS x 2 LINES
SC1604A ETC-SC1604A Datasheet
96Kb / 1P
LCD MODULES SC1604A ( 16 CHARACTERS x 4 LINES )
SC4002A ETC-SC4002A Datasheet
99Kb / 1P
LCD MODULES SC4002A ( 40 CHARACTERS x 2 LINES )
LC4041 ETC-LC4041 Datasheet
33Kb / 1P
40 characters x 4 lines
SC1601D ETC-SC1601D Datasheet
62Kb / 1P
LCD MODULES 16 CHARACTERS x 1 LINES
SC4004B ETC1-SC4004B Datasheet
72Kb / 1P
40 CHARACTERS x 4 LINES
logo
Hitachi Semiconductor
LM092XMLN HITACHI-LM092XMLN Datasheet
161Kb / 3P
40 characters x 2 lines LCD
logo
List of Unclassifed Man...
MDLS-40466 ETC2-MDLS-40466 Datasheet
80Kb / 1P
40 CHARACTERS X 4 LINES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com