Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90CAN64 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT90CAN64
Description  Automotive and Transportation Systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90CAN64 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT90CAN64 Datasheet HTML 1Page - ATMEL Corporation AT90CAN64 Datasheet HTML 2Page - ATMEL Corporation AT90CAN64 Datasheet HTML 3Page - ATMEL Corporation AT90CAN64 Datasheet HTML 4Page - ATMEL Corporation AT90CAN64 Datasheet HTML 5Page - ATMEL Corporation AT90CAN64 Datasheet HTML 6Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
This wide-spread success is mainly due
to the h
hiig
gh
h rre
elliia
ab
biilliitty
y offered by the CAN
protocol.
To satisfy the growing demand for embed-
ded networks, the Atmel CAN family has
been specially designed for all applications
needing e
ea
as
sy
y a
an
nd
d ffrre
eq
qu
ue
en
ntt c
co
od
de
e u
up
pd
da
atte
es
s..
The CAN family e
ex
xtte
en
nd
ds
s iitts
s 8
80
05
51
1 o
offffe
erriin
ng
g
with a 1
16
6 M
MIIP
PS
S A
AV
VR
R®® R
RIIS
SC
C microcontroller
with up to 1
12
28
8 K
Kb
by
ytte
es
s o
off F
Flla
as
sh
h p
prro
og
grra
am
m
m
me
em
mo
orry
y,, providing customers with a large
choice for their CAN systems.
Several times a day, most of us use embedded
CAN applications without knowing it. The most
popular applications are in:
Automotive and
Transportation Systems
Medical and Agricultural
Equipment
Building Automation
Household and Food
Appliances
Robotic and Factory
Automation
N ETWORKING
CAN
Easy Remote Programming and Field Upgrade
Powerful On-chip CAN Controller
Based on either 8
80
05
51
1 or A
AV
VR
R core, the C
CA
AN
N 8
8--b
biitt F
Flla
as
sh
h m
miic
crro
oc
co
on
nttrro
olllle
errs
s achieve
5
5 M
MIIP
PS
S or 1
16
6 M
MIIP
PS
S processing speed respectively.
V
V2
2..0
0A
A//V
V2
2..0
0B
B compliant – Handles independent message objects programmable on-the-fly.
H
Hiig
gh
hlly
y fflle
ex
xiib
blle
e s
se
ellff--p
prro
og
grra
am
mm
miin
ng
g via CAN, UART, SPI, JTAG
Support Higher Layer Protocol Stacks
C
CA
AN
No
op
pe
en
n,, D
De
ev
viic
ce
eN
Ne
ett™
™,, J
J9
93
39
9 and O
OS
SE
EK
K™
™
Popular 8051 Architecture
for Cost-effective Applications
5 MIPS at 30 MHz
Up to 64 KB Flash Program Memory
Flexible Self Programming at 3V and 5V
via UART or CAN
6-clocks per cycle provides 1 Mbit/sec.,
using only 8 MHz crystal, thus reducing
EMI
Powerful AVR
Architecture to Tackle the Most
Demanding High-end Applications
16 MIPS at 16 MHz
Self Programming
Hardware Multiplier
Optimized for High-level C Language
On-chip Debug Through JTAG Interface
Up to 256 KB Addressing Capability
C51
Performance range



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com