Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS-232DB9 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # RS-232DB9
Description  AT90USBxxx TQFP device (2.7V
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

RS-232DB9 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button RS-232DB9 Datasheet HTML 17Page - ATMEL Corporation RS-232DB9 Datasheet HTML 18Page - ATMEL Corporation RS-232DB9 Datasheet HTML 19Page - ATMEL Corporation RS-232DB9 Datasheet HTML 20Page - ATMEL Corporation RS-232DB9 Datasheet HTML 21Page - ATMEL Corporation RS-232DB9 Datasheet HTML 22Page - ATMEL Corporation RS-232DB9 Datasheet HTML 23Page - ATMEL Corporation RS-232DB9 Datasheet HTML 24Page - ATMEL Corporation RS-232DB9 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
Using the STK525
STK525 Hardware User Guide
2-21
7608A–AVR–04/06
The HWB pin of the AT90USBxxx allows to force the bootloader section execution after
reset. (Refer to AT90USBxxx datasheet section “boot loader support”). To force
bootloader execution, operate as follows:
Press both “RST” and “HWB” push buttons
First release the “RST” push button
Release the “HWB” push button
For more information about the USB bootloader and FLIP software, please refer to the
‘USB bootloader datasheet’ document and ‘FLIP User Manual’.
2.8.2
Programming with AVR ISP mkII Programmer
The AT90USBxxx can be programmed using specific SPI serial links. This sub section
will explain how to connect the programmer.
The Flash, EEPROM and all Fuses and Lock Bits options ISP-programmable can be
programmed individually or with the sequential automatic programming option.
The AVR ISP mkII programmer is a compact and easy-to-use In-System Programming
tool for developing applications with AT90USBxxx. Due to the small size, it is also an
excellent tool for field upgrades of existing applications.
The AVR ISP programming interface is integrated in AVR Studio®.
To program the device using AVR ISP programmer, connect the 6-wire cable on the ISP
connector of the STK525 as shown in Figure 2-20.
Note:
See AVR Studio® on-line Help for information.
Figure 2-20 . Programming from AVR ISP mkII programmer
2.8.3
Programming with STK500
The AT90USBxxx can be programmed using the serial programming mode in the AVR
Studio STK500 software. The software interface (In-System Programming of an external
target system) is integrated in AVR Studio®.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com