Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A08-2113 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # A08-2113
Description  J1 and J2 goes down to the mother board
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

A08-2113 Datasheet(HTML) 1 Page - ATMEL Corporation

  A08-2113 Datasheet HTML 1Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
D
D
C
C
B
B
A
A
*
STK600-RC032M-91.SchDoc
1
1
20.03.2014
11:59:04
STK600-RC032M-91
ATMEL Norway
Vestre Rosten 79
N-7075 TILLER
NORWAY
PAGE:
of
TITLE:
Document number:
Revision: 1
Date:
*
*
*
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
41
43
45
47
49
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
51
53
55
57
59
61
63
65
67
69
71
73
75
77
79
81
83
85
87
89
91
93
95
97
99
52
54
56
58
60
62
64
66
68
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
Mating FSI-150
J1
MOSI
MISO
SCK
TDI
TDO
TMS
TCK
AREF0
AREF1
VTG
VTG
VTG
VTG
VTG
VTG
VTG
VTG
VTG
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
PH0
PH1
PH2
PH3
PH4
PH5
PH6
PH7
XTAL1
XTAL2
TOSC1
TOSC2
RESET
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
PC0
PC1
PC2
PC3
PC4
PC5
PC6
PC7
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
PE0
PE1
PE2
PE3
PE4
PE5
PE6
PE7
PF0
PF1
PF2
PF3
PF4
PF5
PF6
PF7
PG0
PG1
PG2
PG3
PG4
PG5
PG6
PG7
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
41
43
45
47
49
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
51
53
55
57
59
61
63
65
67
69
71
73
75
77
79
81
83
85
87
89
91
93
95
97
99
52
54
56
58
60
62
64
66
68
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
Mating FSI-150
J2
VTG
VTG
VTG
VTG
VTG
VTG
VTG
GND
GND
GND
GND
GND
GND
GND
GND
PJ0
PJ1
PJ2
PJ3
PJ4
PJ5
PJ6
PJ7
PK0
PK1
PK2
PK3
PK4
PK5
PK6
PK7
PL0
PL1
PL2
PL3
PL4
PL5
PL6
PL7
PM0
PM1
PM2
PM3
PM4
PM5
PM6
PM7
PN0
PN1
PN2
PN3
PN4
PN5
PN6
PN7
PP0
PP1
PP2
PP3
PP4
PP5
PP6
PP7
PQ0
PQ1
PQ2
PQ3
PQ4
PQ5
PQ6
PQ7
VCC
VEXT
DP
DN
UID
VBUST
UVCON
PDATA0
PDATA1
PDATA2
PDATA3
PDATA4
PDATA5
PDATA6
PDATA7
PCTRL0 / bs2
PCTRL2 / oe
PCTRL4 / bs1
PCTRL6 / xa1
PCTRL7 / pagel
PCTRL1 / rdy
PCTRL3 / wr
PCTRL5 / xa0
A
B
ID2
ID3
ID4
ID5
PCB Clip Hole, STK600 Routing card
E4
PCB Clip Hole, STK600 Routing card
E6
PCB Clip Hole, STK600 Routing card
E5
PCB Clip Hole, STK600 Routing card
E7
FIDUCIAL
E2
FIDUCIAL
E1
FIDUCIAL
E3
100n
C1
Board ID: 0x5B
GND
GND
VCC
VCC
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
41
43
45
47
49
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
51
53
55
57
59
61
63
65
67
69
71
73
75
77
79
52
54
56
58
60
62
64
66
68
70
72
74
76
78
80
Mating FSI-140
J3
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
41
43
45
47
49
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
51
53
55
57
59
61
63
65
67
69
71
73
75
77
79
52
54
56
58
60
62
64
66
68
70
72
74
76
78
80
Mating FSI-140
J4
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
VCC
J3 and J4 mates with the socket card, while
J1 and J2 goes down to the mother board.
J1 is physical placed below J3, and J2
below J4.
STK600-RC032M-91
Cannot open
file
C:\Documents
and
Settings\jllass
en\Desktop\qr
code.jpg
Product number/revision
Serial number
Label PCBA
LABEL1
GND
GND
GND
GND
GND
GND
GND
GND
PC0
PC1
PC2
PC3
PC4
PC5
PC6
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
PB7
PB6
PC6
AREF
PB5
BOARD_ID0
BOARD_ID1
BOARD_ID2
BOARD_ID3
BOARD_ID4
BOARD_ID5
BOARD_ID0
BOARD_ID1
BOARD_ID4
BOARD_ID5
GND
BOARD_ID2
BOARD_ID3
100n
C3
GND
VTG
BLM21AG102SN1D
L1
100n
C4
VTG
GND
AVCC
BOARD_ID0
PD3
PD4
PE0
VTG
GND
PE1
PB6
PB7
PD5
PD6
PD7
PB0
PB1
PB2
PB3
PB4
PB5
AVCC
PE2
AREF
GND
PE3
PC0
PC1
PC2
PC3
PC4
PC5
PD0
PD1
PD2
100n
C5
GND
I0
3
I1
1
I2
6
Y
4
NC7SZ57P6X
U1
I0
3
I1
1
I2
6
Y
4
NC7SZ57P6X
U2
BOARD_ID0
BOARD_ID1
VCC
100n
C2
GND
VCC
PB4
PB3
PC6
PB6
PB7
PE0
PE1
PB6
PB7
PB0
PB1
PB2
PB3
PB4
PB5
PE2
PE3
PB0
PB1
PB2
PB4
PB3
PB5
PC1
PC0
PC2
PD1
PD2
PD4
PD6
PD3
PD5
PD7
A12-0896
PCBADOC1
A08-2113
STK600-RC032M-91 PCB
PCB1


Similar Part No. - A08-2113

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
A08-0485 ATMEL-A08-0485 Datasheet
45Kb / 1P
RouterCard
A08-0846 ATMEL-A08-0846 Datasheet
46Kb / 1P
RouterCard
A08-1248 ATMEL-A08-1248 Datasheet
303Kb / 1P
Routing card
logo
Assmann Electronics Inc...
A08-LC-TR ASSMANN-A08-LC-TR Datasheet
97Kb / 1P
ASS 6449 CO
A08-LC-TT ASSMANN-A08-LC-TT Datasheet
211Kb / 1P
ASS 0810 CO
More results

Similar Description - A08-2113

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7349 PMC-PM7349 Datasheet
56Kb / 2P
Quad J2, E3 and DS-3 Framer
logo
Hirose Electric
DF18B-20DS-0.4V HIROSE-DF18B-20DS-0.4V Datasheet
433Kb / 8P
0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors
logo
Exar Corporation
ST49C107A EXAR-ST49C107A Datasheet
66Kb / 8P
Preprogrammed CPU Mother Board Frequency Generator
logo
Renesas Technology Corp
HD151TS201AT RENESAS-HD151TS201AT Datasheet
181Kb / 29P
Mother Board Clock Generator for Intel P4 Chipset Banias and Dothan processor / ODEM and MONTARA-GM chip set
HD151TS206SS RENESAS-HD151TS206SS Datasheet
193Kb / 34P
Mother Board Clock Generator for Intel P4 Chipset (Springdale)
HD151TS207SS RENESAS-HD151TS207SS Datasheet
210Kb / 38P
Mother Board Clock Generator for Intel P4 Chipset (Springdale)
logo
Tyco Electronics
2106154-1 MACOM-2106154-1 Datasheet
842Kb / 4P
Board-to-Board Screw down Jumper Assembly
logo
Isahaya Electronics Cor...
VLA574-01R ISAHAYA-VLA574-01R Datasheet
477Kb / 7P
SIP structure allows more space on mother board
logo
Tyco Electronics
408-8647 MACOM-408-8647 Datasheet
97Kb / 2P
Press down evenly on the tool until the rear leg bottoms on the pc board.
logo
ATMEL Corporation
TK600-RC014T-42 ATMEL-TK600-RC014T-42 Datasheet
472Kb / 2P
J3 and J4 mates up to the socket card while J1 and J2 goes down to the mother board
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com