Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P12C508 Datasheet(PDF) 26 Page - Microchip Technology

Part # P12C508
Description  8-Pin, 8-Bit CMOS Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

P12C508 Datasheet(HTML) 26 Page - Microchip Technology

Back Button P12C508 Datasheet HTML 22Page - Microchip Technology P12C508 Datasheet HTML 23Page - Microchip Technology P12C508 Datasheet HTML 24Page - Microchip Technology P12C508 Datasheet HTML 25Page - Microchip Technology P12C508 Datasheet HTML 26Page - Microchip Technology P12C508 Datasheet HTML 27Page - Microchip Technology P12C508 Datasheet HTML 28Page - Microchip Technology P12C508 Datasheet HTML 29Page - Microchip Technology P12C508 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 84 page
background image
PIC12C5XX
DS40139A-page 26
Advanced Information
© 1996 Microchip Technology Inc.
7.2
Oscillator Configurations
7.2.1
OSCILLATOR TYPES
The PIC12C5XX can be operated in four different
oscillator
modes.
The
user
can
program
two
configuration bits (FOSC1:FOSC0) to select one of
these four modes:
• LP:
Low Power Crystal
• XT:
Crystal/Resonator
• INTRC: Internal 4 MHz Oscillator
• EXTRC: External Resistor/Capacitor
7.2.2
CRYSTAL OSCILLATOR / CERAMIC
RESONATORS
In XT or LP modes, a crystal or ceramic resonator is
connected to the GP5/OSC1/CLKIN and GP4/OSC2
pins
to
establish
oscillation
(Figure 7-2).
The
PIC12C5XX oscillator design requires the use of a
parallel cut crystal. Use of a series cut crystal may
give a frequency out of the crystal manufacturers
specifications. When in XT or LP modes, the device
can have an external clock source drive the GP5/
OSC1/CLKIN pin (Figure 7-3).
FIGURE 7-2:
CRYSTAL OPERATION (OR
CERAMIC RESONATOR) (XT
OR LP OSC
CONFIGURATION)
FIGURE 7-3:
EXTERNAL CLOCK INPUT
OPERATION (XT OR LP OSC
CONFIGURATION)
Note 1: See Capacitor Selection tables for
recommended values of C1 and C2.
2: A series resistor (RS) may be required for
AT strip cut crystals.
3: RF varies with the crystal chosen
(approx. value = 10 M
Ω).
C1(1)
C2(1)
XTAL
OSC2
OSC1
RF(3)
SLEEP
To internal
logic
RS(2)
PIC12C5XX
Clock from
ext. system
OSC1
OSC2
PIC12C5XX
Open
TABLE 7-1:
CAPACITOR SELECTION
FOR CERAMIC RESONATORS
- PIC12C5XX
TABLE 7-2:
CAPACITOR SELECTION
FOR CRYSTAL OSCILLATOR
- PIC12C5XX
Osc
Type
Resonator
Freq
Cap. Range
C1
Cap. Range
C2
XT
455 kHz
2.0 MHz
4.0 MHz
68-100 pF
15-33 pF
10-22 pF
68-100 pF
15-33 pF
10-22 pF
These values are for design guidance only. Since
each resonator has its own characteristics, the user
should consult the resonator manufacturer for
appropriate values of external components.
Osc
Type
Resonator
Freq
Cap.Range
C1
Cap. Range
C2
LP
32 kHz(1)
15 pF
15 pF
XT
100 kHz
200 kHz
455 kHz
1 MHz
2 MHz
4 MHz
15-30 pF
15-30 pF
15-30 pF
15-30 pF
15 pF
15 pF
200-300 pF
100-200 pF
15-100 pF
15-30 pF
15 pF
15 pF
Note 1: For VDD > 4.5V, C1 = C2
≈ 30 pF is
recommended.
These values are for design guidance only. Rs may
be required in HS mode as well as XT mode to avoid
overdriving crystals with low drive level specification.
Since each crystal has its own characteristics, the
user should consult the crystal manufacturer for
appropriate values of external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com