Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12C509 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC12C509
Description  8-Pin, 8-Bit CMOS Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12C509 Datasheet(HTML) 1 Page - Microchip Technology

  PIC12C509 Datasheet HTML 1Page - Microchip Technology PIC12C509 Datasheet HTML 2Page - Microchip Technology PIC12C509 Datasheet HTML 3Page - Microchip Technology PIC12C509 Datasheet HTML 4Page - Microchip Technology PIC12C509 Datasheet HTML 5Page - Microchip Technology PIC12C509 Datasheet HTML 6Page - Microchip Technology PIC12C509 Datasheet HTML 7Page - Microchip Technology PIC12C509 Datasheet HTML 8Page - Microchip Technology PIC12C509 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
© 1996 Microchip Technology Inc.
Advance Information
DS40139A-page 1
Devices included in this Data Sheet:
PIC12C508 and PIC12C509 are 8-bit microcontrollers
packaged in 8-lead packages. They are based on the
Enhanced PIC16C5X family.
High-Performance RISC CPU:
• Only 33 single word instructions to learn
• All instructions are single cycle (1
µs) except for
program branches which are two-cycle
• Operating speed: DC - 4 MHz clock input
DC - 1
µs instruction cycle
• 12-bit wide instructions
• 8-bit wide data path
• Seven special function hardware registers
• Two-level deep hardware stack
• Direct, indirect and relative addressing modes for
data and instructions
• Internal 4 MHz RC oscillator with programmable
calibration
• In-circuit serial programming
Peripheral Features:
• 8-bit real time clock/counter (TMR0) with 8-bit
programmable prescaler
• Power-On Reset (POR)
• Device Reset Timer (DRT)
• Watchdog Timer (WDT) with its own on-chip RC
oscillator for reliable operation
• Programmable code-protection
• Power saving SLEEP mode
• Wake-up from SLEEP on pin change
• Internal pull-ups on I/O pins
• Selectable oscillator options:
- INTRC: Internal 4 MHz RC oscillator
- EXTRC: External low-cost RC oscillator
- XT:
Standard crystal/resonator
- LP:
Power saving, low frequency crystal
• Internal pull-up on MCLR pin
Device
EPROM
RAM
PIC12C508
512 x 12
25
PIC12C509
1024 x 12
41
CMOS Technology:
• Low power, high speed CMOS EPROM
technology
• Fully static design
• Wide operating voltage range:
- Commercial: 2.5V to 5.5V
- Industrial: 2.5V to 5.5V
• Low power consumption
- < 2 mA @ 5V, 4 MHz
- 15
µA typical @ 3V, 32 KHz
- < 1
µA typical standby current
Pin Diagram
PDIP, SOIC
8
7
6
5
1
2
3
4
VSS
GP0
GP1
GP2/T0CKI
GP5/OSC1/CLKIN
GP4/OSC2
GP3/MCLR/VPP
VDD
PIC12C5XX
8-Pin, 8-Bit CMOS Microcontroller
This document was created with FrameMaker404


Similar Part No. - PIC12C509

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12C509 MICROCHIP-PIC12C509 Datasheet
1Mb / 113P
8-Pin, 8-Bit CMOS Microcontrollers
1999 - 2002
PIC12C509 MICROCHIP-PIC12C509 Datasheet
1Mb / 113P
8-Pin, 8-Bit CMOS Microcontrollers
1999 - 2002
PIC12C509 MICROCHIP-PIC12C509 Datasheet
1Mb / 113P
8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
PIC12C509 MICROCHIP-PIC12C509 Datasheet
938Kb / 113P
8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
PIC12C509 MICROCHIP-PIC12C509 Datasheet
938Kb / 113P
8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
More results

Similar Description - PIC12C509

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F872 MICROCHIP-PIC16F872 Datasheet
2Mb / 160P
28-Pin, 8-Bit CMOS FLASH Microcontroller
1999
logo
Toshiba Semiconductor
TMP88CP77F TOSHIBA-TMP88CP77F Datasheet
627Kb / 12P
CMOS 8-BIT Microcontroller
19-Jul-2000
TMP86PM47AUG TOSHIBA-TMP86PM47AUG Datasheet
755Kb / 14P
CMOS 8-Bit Microcontroller
17-Jun-2003
TMP86PM47U TOSHIBA-TMP86PM47U Datasheet
738Kb / 14P
CMOS 8-Bit Microcontroller
11-Sep-2002
logo
Microchip Technology
PIC16C505 MICROCHIP-PIC16C505 Datasheet
602Kb / 80P
14-Pin, 8-Bit CMOS Microcontroller
1998
logo
Toshiba Semiconductor
TMP87PM53F TOSHIBA-TMP87PM53F Datasheet
589Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP87PS68DF TOSHIBA-TMP87PS68DF Datasheet
569Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP88CU74F TOSHIBA-TMP88CU74F Datasheet
1Mb / 132P
CMOS 8-BIT MICROCONTROLLER
TMP86FH47UG TOSHIBA-TMP86FH47UG Datasheet
438Kb / 34P
CMOS 8-BIT MICROCONTROLLER
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com