Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny11 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATtiny11
Description  AVR Studio Compatible
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny11 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATtiny11 Datasheet HTML 12Page - ATMEL Corporation ATtiny11 Datasheet HTML 13Page - ATMEL Corporation ATtiny11 Datasheet HTML 14Page - ATMEL Corporation ATtiny11 Datasheet HTML 15Page - ATMEL Corporation ATtiny11 Datasheet HTML 16Page - ATMEL Corporation ATtiny11 Datasheet HTML 17Page - ATMEL Corporation ATtiny11 Datasheet HTML 18Page - ATMEL Corporation ATtiny11 Datasheet HTML 19Page - ATMEL Corporation ATtiny11 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 61 page
background image
Hardware Description
3-6
AVR STK500 User Guide
1925C–AVR–3/03
3.6
Description of
DataFlash Pins
NB! Not valid: AT45D021 2-Mbit DataFlash is included on the STK500 for data storage.
A DataFlash is a high-density Flash memory with SPI serial interface. A detailed
datasheet of the DataFlash can be obtained from the Flash memory section of the Atmel
CD-ROM or from the Atmel web site.
The DataFlash can be connected to the I/O pins of the microcontroller sockets. The
4-pin header marked “DATAFLASH” can be used for connecting the SPI interface of the
DataFlash to the I/O pins on the target AVR microcontroller in the socket. 2-wire cables
are included with STK500 for connecting the DataFlash to the I/O pins. The supplied
10-wire cables can also be used if the DataFlash is connected to the hardware SPI inter-
face on PORTB of the AVR microcontroller. The connection of the I/O pins is shown in
Figure 3-13. The block schematic of the DataFlash connection is shown in Figure 3-14,
for connection of the DataFlash to the AVR hardware SPI interface. The SPI interface
pinout is shown in Figure 3-11 and Figure 3-12.
Figure 3-11. PORTB SPI Pinout (40-pin Parts)
Figure 3-12. PORTB SPI Pinout (28-pin Analog Parts)
PB1
PB3
PB5(MOSI)
PB7(SCK)
VTG
PB0
PB2
(SS)PB4
(MISO)PB6
GND
1 2
PB1
PB3(MOSI)
PB5(SCK)
PB7
VTG
PB0
(SS)PB2
(MISO)PB4
PB6
GND
1 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com