Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK504 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # STK504
Description  Supports the ATmega3290 and ATmega6490 with built-in LCD controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK504 Datasheet(HTML) 5 Page - ATMEL Corporation

  STK504 Datasheet HTML 1Page - ATMEL Corporation STK504 Datasheet HTML 2Page - ATMEL Corporation STK504 Datasheet HTML 3Page - ATMEL Corporation STK504 Datasheet HTML 4Page - ATMEL Corporation STK504 Datasheet HTML 5Page - ATMEL Corporation STK504 Datasheet HTML 6Page - ATMEL Corporation STK504 Datasheet HTML 7Page - ATMEL Corporation STK504 Datasheet HTML 8Page - ATMEL Corporation STK504 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Getting Started
This section describes how to connect the STK504 onto the STK500, how to
place the AVR in the ZIF socket and connect cables to different peripherals.
Hardware overview
The STK504 is a flexible platform for debugging the 100-pin LCD AVRs. The
card offers lots of connectors so you can connect to your own hardware, or you
can use it as it is.
Figure 3-1: STK504
ZIF socket:
This is the place to put your AVR sample. See Placing the AVR in the ZIF
socket chapter for more details.
LCD PINS:
This connector is wired to the on-board LCD. It is usually connected to
the AVR SEGMENT PINS connector. Consult the LCD section for more
information.
AVR SEGMENT PINS:
This connector is wired to the LCD pins on the AVR. It is usually
connected to the LCD PINS connector. If you want to connect your own
LCD, then use this connector. Consult the LCD section for more
information.
Port connectors:
The AVR's PORTE, PORTF, PORTG, PORTH and PORTJ are available
on five connectors, each one marked with the port name. Each of the
connectors has the port signals and a target voltage and ground pin. See
Appendix A for description and pinout.
Clock switch:
This switch select what clock course is routed to the XTAL/TOSC pins on
the AVR. The switch has three states, X = clock signal from STK500, LF
= onboard 32kHz crystal and HF is on-board crystal socket. See Clock
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com