Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENC28J60 Datasheet(PDF) 5 Page - Microchip Technology

Part # ENC28J60
Description  8-bit PIC짰 Microcontrollers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60 Datasheet(HTML) 5 Page - Microchip Technology

  ENC28J60 Datasheet HTML 1Page - Microchip Technology ENC28J60 Datasheet HTML 2Page - Microchip Technology ENC28J60 Datasheet HTML 3Page - Microchip Technology ENC28J60 Datasheet HTML 4Page - Microchip Technology ENC28J60 Datasheet HTML 5Page - Microchip Technology ENC28J60 Datasheet HTML 6Page - Microchip Technology ENC28J60 Datasheet HTML 7Page - Microchip Technology ENC28J60 Datasheet HTML 8Page - Microchip Technology ENC28J60 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Featured Core Independent Peripherals Product Families
Superset
Device
Pins
Flash/RAM
Family Range
Intelligent Analog
(Max)
Timers/PWM
(Max)
Comms
(Max)
Core Independent
Peripherals (Max)
Additional
Features
PIC16F527
20
1.5 KB
68B
Comp (2), Op amp (2),
8-bit ADC (8)
8-bit (1)
–
–
EEPROM
PIC16F570
28
3 KB
64B
Comp (2), Op amp (2),
8-bit ADC (8)
8-bit (1)
–
–
EEPROM
PIC16F753
8–14
1.75–3.5 KB
64–128B
Comp (2), Op amp (2),
10-bit ADC (8), 9-bit DAC (1),
Slope Comp
8-bit (3), 16-bit (1),
PWM (1)
–
–
HV Shunt,
High-current
I/O
PIC16F1709
25–20
3.5–14 KB
256–1 KB
Comp (2), Op amp (2),
10-bit ADC (12), ZCD
8-bit (4), 16-bit (1),
PWM (4)
EUSART (1),
SPI/I2C™ (1)
CLC (3), COG
Peripheral
Pin Select
PIC16F1719
28–40
7–28 KB
512–2 KB
Comp (2), Op amp (2),
10-bit ADC (28), ZCD
8-bit (4), 16-bit (1),
PWM (4)
EUSART (1),
SPI/I2C (1)
CLC (4), COG, NCO
Peripheral
Pin Select
PIC16F1789
28–40
3.5–28 KB
256–2 KB
Comp (4), Op amp (2),
12-bit ADC (14), 8-bit DAC (4)
8-bit (4), 16-bit (1),
PWM (7)
EUSART (1),
SPI/I2C (1)
PSMC (4)
EEPROM
5
8-bit PIC®Microcontroller Solutions
www.microchip.com/intelligentanalog
Intelligent Analog
Microchip’s Intelligent Analog solutions help you
reduce your component count to design smaller, more
cost-effective boards. You will benefit from simplified,
higher-performance designs and easier procurement of
components. In addition, using the MCU’s programmable
analog interconnects and programmability offers you
increased flexibility and analog topology agility.
The following Analog Peripherals have been integrated to
simplify you next design:
■ Op Amps: A basic building block in electronic design.
Integrating these basic building blocks into the
microcontroller offers increased flexibility and reliability
while reducing BOM costs and board space.
■ High Speed Comparators: Comparators have been
available in the PIC MCU lineup for many years. We
now offer feature-rich high speed (50 nS) variants to
enable faster response and more efficient closed-loop
feedback designs.
■ High Current Sink/Source Pins: High Current Sink/
Source pins with the ability to sink/source 50 mA enable
direct MOSFET drive from the microcontroller.
■ Conversion (Analog-to-Digital/Digital-to-Analog):
Within the 8-bit portfolio we provide a wide range of
resolution and speed grades available to meet most
embedded requirements.
■ Zero Cross Detect: This peripheral is used to
detect when an A/C signal crosses ground (0V when
referenced to the rest of the system). Common uses
include A/C period measurement and TRIAC control
applications. It can also be used as part of an algorithm
to help determine optimal periods when switching
should occur to reduce application EMI.
■ Slope Compensation: This integrated peripheral
performs the slope compensation function for Peak
Current Mode power supplies.
Development Tools
F1 PSMC 28-pin Evaluation Board (DM164130-10)
■ PSMC development platform using
the PIC16F1783
■ Break-out headers for
application development
■ Connect to any F1 motor control add-on
■ Prototyping area
PICDEM™ Lab Development Kit (DM163045)
■ Development platform for 6 to
20-pin parts
■ Works across different
architectures
■ Includes comprehensive user guide,
labs, and application examples
■ Support for PICkit 3 and Expansion Headers
PIC MCUs with Intelligent Analog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com